Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ170CA Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # P6SMBJ170CA
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMBJ170CA Datasheet(HTML) 2 Page - Pan Jit International Inc.

  P6SMBJ170CA Datasheet HTML 1Page - Pan Jit International Inc. P6SMBJ170CA Datasheet HTML 2Page - Pan Jit International Inc. P6SMBJ170CA Datasheet HTML 3Page - Pan Jit International Inc. P6SMBJ170CA Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 4
Approve Sheet Part Number: P6SMBJ SERIES
r
e
b
m
u
N
t
r
a
P
g
n
i
k
r
a
M
e
d
o
C
V RW M
V BR
I
@
T
IR @VRWM
VC @IPP
E
G
A
K
C
A
P
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
-
I
N
U
-
I
B
V
V
V
A
m
A
u
A
u
V
A
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
6
)
C
(
0
.
5
J
B
M
S
6
P
D
K
D
A
0
.
5
0
4
.
6
5
5
.
7
0
1
0
0
8
0
0
6
1
6
.
9
5
.
2
6
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
.
5
J
B
M
S
6
P
E
K
E
A
0
.
5
0
4
.
6
5
2
.
7
0
1
0
0
8
0
0
6
1
2
.
9
2
.
5
6
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
0
.
6
J
B
M
S
6
P
F
K
F
A
0
.
6
7
6
.
6
5
4
.
8
0
1
0
0
8
0
0
6
1
4
.
1
1
6
.
2
5
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
.
6
J
B
M
S
6
P
G
K
G
A
0
.
6
7
6
.
6
7
6
.
7
0
1
0
0
8
0
0
6
1
3
.
0
1
3
.
8
5
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
5
.
6
J
B
M
S
6
P
H
K
H
A
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
5
0
0
0
1
3
.
2
1
7
.
8
4
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
5
.
6
J
B
M
S
6
P
K
K
K
A
5
.
6
2
2
.
7
0
3
.
8
0
1
0
0
5
0
0
0
1
2
.
1
1
6
.
3
5
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
0
.
7
J
B
M
S
6
P
L
K
L
A
0
.
7
8
7
.
7
6
8
.
9
0
1
0
0
2
0
0
4
3
.
3
1
1
.
5
4
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
.
7
J
B
M
S
6
P
M
K
M
A
0
.
7
8
7
.
7
5
9
.
8
0
1
0
0
2
0
0
4
0
.
2
1
0
.
0
5
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
5
.
7
J
B
M
S
6
P
N
K
N
A
5
.
7
3
3
.
8
7
6
.
0
1
0
.
1
0
0
1
0
0
2
3
.
4
1
0
.
2
4
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
5
.
7
J
B
M
S
6
P
P
K
P
A
5
.
7
3
3
.
8
8
5
.
9
0
.
1
0
0
1
0
0
2
9
.
2
1
5
.
6
4
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
0
.
8
J
B
M
S
6
P
Q
K
Q
A
0
.
8
9
8
.
8
0
3
.
1
1
0
.
1
0
5
0
0
1
0
.
5
1
0
.
0
4
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
.
8
J
B
M
S
6
P
R
K
R
A
0
.
8
9
8
.
8
3
2
.
0
1
0
.
1
0
5
0
0
1
6
.
3
1
1
.
4
4
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
5
.
8
J
B
M
S
6
P
S
K
S
A
5
.
8
4
4
.
9
2
9
.
1
1
0
.
1
0
1
0
2
9
.
5
1
7
.
7
3
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
5
.
8
J
B
M
S
6
P
T
K
T
A
5
.
8
4
4
.
9
2
8
.
0
1
0
.
1
0
1
0
2
4
.
4
1
7
.
1
4
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
0
.
9
J
B
M
S
6
P
U
K
U
A
0
.
9
0
.
0
1
6
.
2
1
0
.
1
5
0
1
9
.
6
1
5
.
5
3
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
.
9
J
B
M
S
6
P
V
K
V
A
0
.
9
0
.
0
1
5
.
1
1
0
.
1
5
0
1
4
.
5
1
0
.
9
3
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
0
1
J
B
M
S
6
P
W
K
W
A
0
1
1
.
1
1
1
.
4
1
0
.
1
5
5
8
.
8
1
9
.
1
3
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
1
J
B
M
S
6
P
X
K
X
A
0
1
1
.
1
1
8
.
2
1
0
.
1
5
5
0
.
7
1
3
.
5
3
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
1
1
J
B
M
S
6
P
Y
K
Y
A
1
1
2
.
2
1
4
.
5
1
0
.
1
5
5
1
.
0
2
9
.
9
2
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
1
1
J
B
M
S
6
P
Z
K
Z
A
1
1
2
.
2
1
0
.
4
1
0
.
1
5
5
2
.
8
1
0
.
3
3
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
2
1
J
B
M
S
6
P
D
L
D
B
2
1
3
.
3
1
9
.
6
1
0
.
1
5
5
0
.
2
2
3
.
7
2
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
2
1
J
B
M
S
6
P
E
L
E
B
2
1
3
.
3
1
3
.
5
1
0
.
1
5
5
9
.
9
1
2
.
0
3
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
3
1
J
B
M
S
6
P
F
L
F
B
3
1
4
.
4
1
2
.
8
1
0
.
1
5
5
8
.
3
2
2
.
5
2
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
3
1
J
B
M
S
6
P
G
L
G
B
3
1
4
.
4
1
5
.
6
1
0
.
1
5
5
5
.
1
2
9
.
7
2
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
4
1
J
B
M
S
6
P
H
L
H
B
4
1
6
.
5
1
8
.
9
1
0
.
1
5
5
8
.
5
2
3
.
3
2
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
4
1
J
B
M
S
6
P
K
L
K
B
4
1
6
.
5
1
9
.
7
1
0
.
1
5
5
2
.
3
2
8
.
5
2
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
5
1
J
B
M
S
6
P
L
L
L
B
5
1
7
.
6
1
1
.
1
2
0
.
1
5
5
9
.
6
2
3
.
2
2
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
5
1
J
B
M
S
6
P
M
L
M
B
5
1
7
.
6
1
2
.
9
1
0
.
1
5
5
4
.
4
2
0
.
4
2
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
6
1
J
B
M
S
6
P
N
L
N
B
6
1
8
.
7
1
6
.
2
2
0
.
1
5
5
8
.
8
2
8
.
0
2
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
6
1
J
B
M
S
6
P
P
L
P
B
6
1
8
.
7
1
5
.
0
2
0
.
1
5
5
0
.
6
2
1
.
3
2
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
7
1
J
B
M
S
6
P
Q
L
Q
B
7
1
9
.
8
1
9
.
3
2
0
.
1
5
5
5
.
0
3
7
.
9
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
7
1
J
B
M
S
6
P
R
L
R
B
7
1
9
.
8
1
7
.
1
2
0
.
1
5
5
6
.
7
2
7
.
1
2
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
8
1
J
B
M
S
6
P
S
L
S
B
8
1
0
.
0
2
3
.
5
2
0
.
1
5
5
2
.
2
3
6
.
8
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
8
1
J
B
M
S
6
P
T
L
T
B
8
1
0
.
0
2
3
.
3
2
0
.
1
5
5
2
.
9
2
5
.
0
2
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
0
2
J
B
M
S
6
P
U
L
U
B
0
2
2
.
2
2
1
.
8
2
0
.
1
5
5
8
.
5
3
7
.
6
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
2
J
B
M
S
6
P
V
L
V
B
0
2
2
.
2
2
5
.
5
2
0
.
1
5
5
4
.
2
3
5
.
8
1
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
2
2
J
B
M
S
6
P
W
L
W
B
2
2
4
.
4
2
9
.
0
3
0
.
1
5
5
4
.
9
3
2
.
5
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
2
2
J
B
M
S
6
P
X
L
X
B
2
2
4
.
4
2
0
.
8
2
0
.
1
5
5
5
.
5
3
9
.
6
1
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
4
2
J
B
M
S
6
P
Z
L
Z
B
4
2
7
.
6
2
8
.
3
3
0
.
1
5
5
0
.
3
4
0
.
4
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
4
2
J
B
M
S
6
P
Y
L
Y
B
4
2
7
.
6
2
7
.
0
3
0
.
1
5
5
9
.
8
3
4
.
5
1
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
6
2
J
B
M
S
6
P
D
M
D
C
6
2
9
.
8
2
6
.
6
3
0
.
1
5
5
6
.
6
4
4
.
2
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
6
2
J
B
M
S
6
P
E
M
E
C
6
2
9
.
8
2
2
.
3
3
0
.
1
5
5
1
.
2
4
2
.
4
1
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
8
2
J
B
M
S
6
P
F
M
F
C
8
2
1
.
1
3
4
.
9
3
0
.
1
5
5
0
.
0
5
0
.
2
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
8
2
J
B
M
S
6
P
G
M
G
C
8
2
1
.
1
3
8
.
5
3
0
.
1
5
5
4
.
5
4
2
.
3
1
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
0
3
J
B
M
S
6
P
H
M
H
C
0
3
3
.
3
3
2
.
2
4
0
.
1
5
5
5
.
3
5
2
.
1
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
3
J
B
M
S
6
P
K
M
K
C
0
3
3
.
3
3
3
.
8
3
0
.
1
5
5
4
.
8
4
4
.
2
1
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
3
3
J
B
M
S
6
P
L
M
L
C
3
3
7
.
6
3
5
.
6
4
0
.
1
5
5
0
.
9
5
2
.
0
1
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
3
3
J
B
M
S
6
P
M
M
M
C
3
3
7
.
6
3
2
.
2
4
0
.
1
5
5
3
.
3
5
3
.
1
1
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
6
3
J
B
M
S
6
P
N
M
N
C
6
3
0
.
0
4
7
.
0
5
0
.
1
5
5
3
.
4
6
3
.
9
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
6
3
J
B
M
S
6
P
P
M
P
C
6
3
0
.
0
4
0
.
6
4
0
.
1
5
5
1
.
8
5
3
.
0
1
A
A
4
1
2
-
O
D
/
B
M
S
)
C
(
0
4
J
B
M
S
6
P
Q
M
Q
C
0
4
4
.
4
4
3
.
6
5
0
.
1
5
5
4
.
1
7
4
.
8
A
A
4
1
2
-
O
D
/
B
M
S
A
)
C
(
0
4
J
B
M
S
6
P
R
M
R
C
0
4
4
.
4
4
1
.
1
5
0
.
1
5
5
5
.
4
6
3
.
9
A
A
4
1
2
-
O
D
/
B
M
S


Similar Part No. - P6SMBJ170CA

ManufacturerPart #DatasheetDescription
logo
Surge Components
P6SMBJ170CA SURGE-P6SMBJ170CA Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Transys Electronics
P6SMBJ170CA TRSYS-P6SMBJ170CA Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6SMBJ170CA WTE-P6SMBJ170CA Datasheet
64Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
P6SMBJ170CA LITTELFUSE-P6SMBJ170CA Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
P6SMBJ170CA LITTELFUSE-P6SMBJ170CA Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
More results

Similar Description - P6SMBJ170CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15SMCJ PANJIT-15SMCJ Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
P4SMAJ PANJIT-P4SMAJ Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
logo
StarHope
TVS-SMBJ SPSEMI-TVS-SMBJ Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMFJ5.0 YEASHIN-P4SMFJ5.0 Datasheet
1,002Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
List of Unclassifed Man...
SMDJ ETC1-SMDJ Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Yea Shin Technology Co....
P4SMAJ5.0 YEASHIN-P4SMAJ5.0 Datasheet
102Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 400 Watt Peak Power Pulse
P2SMSJ YEASHIN-P2SMSJ Datasheet
745Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 170 Volts 200 Watt Peak Power Pulse
P6SMBJ5.0 YEASHIN-P6SMBJ5.0 Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 440 Volts 6 00 Watt Peak Power Pulse
logo
StarHope
TVS-SMAJ SPSEMI-TVS-SMAJ Datasheet
143Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 400 Watt Peak Pulse Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com