Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6274 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6274
Description  HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6274 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6274 Datasheet HTML 1Page - ANADIGICS, Inc AWT6274 Datasheet HTML 2Page - ANADIGICS, Inc AWT6274 Datasheet HTML 3Page - ANADIGICS, Inc AWT6274 Datasheet HTML 4Page - ANADIGICS, Inc AWT6274 Datasheet HTML 5Page - ANADIGICS, Inc AWT6274 Datasheet HTML 6Page - ANADIGICS, Inc AWT6274 Datasheet HTML 7Page - ANADIGICS, Inc AWT6274 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRELIMINARY DATA SHEET - Rev 1.8
10/2005
AWT6274
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed
only over the conditions defined in the electrical specifications.
Notes:
(1) For operation at VCC = +3.2 V, POUT is derated by 0.5 dB.
(2) For operation at 110 oC (TC), POUT is derated by 1.0 dB.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
)0
5
+V
V
(
e
g
a
tl
o
V
l
o
r
t
n
o
C
e
d
o
M
E
D
O
M
)0
5
.
3
+V
V
(
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
F
E
R
)0
5
.
3
+V
P
(
r
e
w
o
P
t
u
p
n
I
F
R
N
I
)-
0
1
+m
B
d
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
e
s
a
C0
3
-0
1
1
+C
°
T
(
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
G
T
S
)0
4
-0
5
1
+C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
)
f
(
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O0
5
8
1-
0
1
9
1
z
H
M
V
(
e
g
a
tl
o
V
y
l
p
p
u
S
C
C
)
2
.
3
+
-
4
.
3
+
5
.
1
+
2
.
4
+
-
V
P T
U
O
<
m
B
d
9
2
+
P T
U
O
<
m
B
d
7
V
(
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
F
E
R
)
5
7
.
2
+
0
5
8
.
2
+
-
5
9
.
2
+
5
.
0
+
V
"
n
o
"
A
P
"
n
w
o
d
t
u
h
s
"
A
P
V
(
e
g
a
tl
o
V
l
o
r
t
n
o
C
e
d
o
M
E
D
O
M
)
3
.
2
+
0
5
8
.
2
+
-
1
.
3
+
5
.
0
+
V
e
d
o
M
s
a
i
B
w
o
L
e
d
o
M
s
a
i
B
h
g
i
H
P
(
r
e
w
o
P
t
u
p
t
u
O
F
R
T
U
O
)5
.
8
2
+
)
1
(
9
2
+-
m
B
d
T
(
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C
C
)0
2
--
0
1
1
+
)
2
(
C
°


Similar Part No. - AWT6274

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6270 ANADIGICS-AWT6270 Datasheet
275Kb / 8P
   HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6271RM20P8 ANADIGICS-AWT6271RM20P8 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
More results

Similar Description - AWT6274

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6271 ANADIGICS-AWT6271 Datasheet
218Kb / 8P
   HELP Cellular/WCDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6251 ANADIGICS-AWT6251 Datasheet
295Kb / 12P
   PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
AWT6270 ANADIGICS-AWT6270 Datasheet
275Kb / 8P
   HELP 830-840 MHz WCDMA 3.4V/27dBm Linear Power Amplifier Module
AWT6276R ANADIGICS-AWT6276R Datasheet
215Kb / 8P
   HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6133 ANADIGICS-AWT6133 Datasheet
269Kb / 8P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6252 ANADIGICS-AWT6252 Datasheet
152Kb / 8P
   IMT/WCDMA 3.4V/27.5dBm Linear Power Amplifier Module
AWT6135 ANADIGICS-AWT6135 Datasheet
260Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6113 ANADIGICS-AWT6113 Datasheet
236Kb / 16P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
AWT6131 ANADIGICS-AWT6131 Datasheet
206Kb / 12P
   PCS/CDMA 3.5V/29dBm Linear Power Amplifier Module
AWT6302 ANADIGICS-AWT6302 Datasheet
177Kb / 8P
   PCS/CDMA 3.4V/28dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com