Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6168 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AWT6168
Description  GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6168 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AWT6168 Datasheet HTML 3Page - ANADIGICS, Inc AWT6168 Datasheet HTML 4Page - ANADIGICS, Inc AWT6168 Datasheet HTML 5Page - ANADIGICS, Inc AWT6168 Datasheet HTML 6Page - ANADIGICS, Inc AWT6168 Datasheet HTML 7Page - ANADIGICS, Inc AWT6168 Datasheet HTML 8Page - ANADIGICS, Inc AWT6168 Datasheet HTML 9Page - ANADIGICS, Inc AWT6168 Datasheet HTML 10Page - ANADIGICS, Inc AWT6168 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
AWT6168
ADVANCED PRODUCT INFORMATION - Rev 0.1
01/2005
Table 9: Electrical Characteristics for DCS/PCS GMSK mode
Unless otherwise specified: VBATT = 3.5 V, PIN = 5 dBm, Pulse Width =1154
µµµµµs, Duty 25%,
ZIN = ZOUT = 50
Ω, TC = 25 °C, VRAMP = 1.6 V, BS = HIGH, TX_EN = HIGH, MODE =LOW
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
y
c
n
e
u
q
e
r
F
g
n
it
a
r
e
p
O
0
1
7
1
0
5
8
1
-
-
5
8
7
1
0
1
9
1
z
H
M
r
e
w
o
P
t
u
p
n
I
358
m
B
d
P
,r
e
w
o
P
t
u
p
t
u
O
X
A
M
2
33
3-
m
B
d
r
e
w
o
P
t
u
p
t
u
O
d
e
d
a
r
g
e
D5
.
9
25
.
0
3-
m
B
d
V
T
T
A
B
T
,
V
0
.
3
=
C
C
°
5
8
=
P N
I
m
B
d
3
=
P
@
E
A
P
X
A
M
-0
5-
%
z
H
M
0
1
9
1
o
t
0
1
7
1
=
q
e
r
F
1
n
o
it
a
l
o
s
I
d
r
a
w
r
o
F-
7
3
--
m
B
dP
,
W
O
L
=
N
E
_
X
T
N
I
m
B
d
8
=
2
n
o
it
a
l
o
s
I
d
r
a
w
r
o
F-
7
1
--
m
B
d
V
,
H
G
I
H
=
N
E
_
X
T
P
M
A
R
,
V
2
.
0
=
P N
I
m
B
d
8
=
c
i
n
o
m
r
a
H
d
n
o
c
e
S-
0
2
--
m
B
ds
l
e
v
e
l
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
O
c
i
n
o
m
r
a
H
d
r
i
h
T-
0
3
--
m
B
ds
l
e
v
e
l
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
O
y
ti
li
b
a
t
S
P
,
s
e
s
a
h
P
ll
A
1
:
8
=
R
W
S
V
T
U
O
<
m
B
d
2
3
--
6
3
-m
B
dF T
U
O
z
H
G
1
<
--
0
3
-m
B
dF T
U
O
z
H
G
1
>
s
s
e
n
d
e
g
g
u
R1
:
0
1-
-
-
s
e
s
a
h
P
d
a
o
L
ll
A
r
e
w
o
P
e
s
i
o
N
X
R
-0
8
--
m
B
d
F X
T
,
z
H
k
0
0
1
=
W
B
R
,
z
H
M
5
8
7
1
=
F X
R
P
,
z
H
M
0
8
8
1
o
t
5
0
8
1
=
T
U
O
<
m
B
d
2
3
-0
8
--
m
B
d
F X
T
,
z
H
k
0
0
1
=
W
B
R
,
z
H
M
0
1
9
1
=
F X
R
P
,
z
H
M
0
9
9
1
o
t
0
3
9
1
=
T
U
O
<
m
B
d
2
3
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I-
-
1
:
5
.
2R
W
S
Vs
l
e
v
e
l
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
O


Similar Part No. - AWT6168

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166RM15P8 ANADIGICS-AWT6166RM15P8 Datasheet
421Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6167 ANADIGICS-AWT6167 Datasheet
210Kb / 12P
   GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
AWT6167R ANADIGICS-AWT6167R Datasheet
281Kb / 12P
   GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
More results

Similar Description - AWT6168

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6223R ANADIGICS-AWT6223R Datasheet
563Kb / 16P
   WCDMA/GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6172 ANADIGICS-AWT6172 Datasheet
802Kb / 20P
   GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
AWT6155 ANADIGICS-AWT6155 Datasheet
536Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M5002 TRIQUINT-TQM7M5002 Datasheet
297Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5003 TRIQUINT-TQM7M5003 Datasheet
444Kb / 15P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5008 TRIQUINT-TQM7M5008 Datasheet
199Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com