Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6166R Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AWT6166R
Description  GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6166R Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AWT6166R Datasheet HTML 2Page - ANADIGICS, Inc AWT6166R Datasheet HTML 3Page - ANADIGICS, Inc AWT6166R Datasheet HTML 4Page - ANADIGICS, Inc AWT6166R Datasheet HTML 5Page - ANADIGICS, Inc AWT6166R Datasheet HTML 6Page - ANADIGICS, Inc AWT6166R Datasheet HTML 7Page - ANADIGICS, Inc AWT6166R Datasheet HTML 8Page - ANADIGICS, Inc AWT6166R Datasheet HTML 9Page - ANADIGICS, Inc AWT6166R Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Data Sheet - Rev 2.0
02/2006
AWT6166R
Table 6: Electrical Characteristics for GSM850
Unless otherwise stated (VBATT = 3.5 V, PIN = 3.0 dBm, Pulse Width =1154
µs, Duty 25%,
ZIN = ZOUT = 50
Ω, TC = 25 °C, VRAMP = 1.6 V, BS = LOW, TX_EN = HIGH)
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
S
T
N
E
M
M
O
C
F
(
y
c
n
e
u
q
e
r
F
g
n
i
t
a
r
e
p
O
O
)4
2
8-
9
4
8z
H
M
r
e
w
o
P
t
u
p
n
I0
0
.
35
m
B
d
P
,
r
e
w
o
P
t
u
p
t
u
O
X
A
M
5
.
4
30
.
5
3-
m
B
dz
H
M
9
4
8
o
t
4
2
8
=
q
e
r
F
r
e
w
o
P
t
u
p
t
u
O
d
e
d
a
r
g
e
D5
.
2
35
.
3
3-
m
B
d
V
T
T
A
B
T
,
V
0
.
3
=
C
,
C
°
5
8
=
P N
I
m
B
d
0
=
P
@
E
A
P
X
A
M
8
43
5-
%
z
H
M
9
4
8
o
t
4
2
8
=
q
e
r
F
1
n
o
i
t
a
l
o
s
I
d
r
a
w
r
o
F-
0
4
-5
3
-m
B
d
V
,
W
O
L
=
N
E
_
X
T
P
M
A
R
V
2
.
0
=
P N
I
m
B
d
5
=
2
n
o
i
t
a
l
o
s
I
d
r
a
w
r
o
F-
5
2
-0
2
-m
B
d
V
,
H
G
I
H
=
N
E
_
X
T
P
M
A
R
,
V
2
.
0
=
P N
I
m
B
d
5
=
n
o
i
t
a
l
o
s
I
s
s
o
r
C
o
t
o
f
3
d
n
a
o
f
2
M
S
G
f
o
g
n
il
p
u
o
C
(
)
t
r
o
p
S
C
P
/
S
C
D
-6
2
-8
1
-m
B
dP T
U
O
m
B
d
5
.
4
3
s
c
i
n
o
m
r
a
H
o
f
3
,
o
f
2
F
*
n
O
n
(
,
F
,
)
4
O
z
H
G
5
7
.
2
1
-
-
7
2
-
0
3
-
0
1
-
0
1
-
m
B
dP T
U
O
m
B
d
5
.
4
3
P
,
s
e
s
a
h
P
ll
A
1
:
8
=
R
W
S
V
T
U
O
m
B
d
5
.
4
3
y
t
il
i
b
a
t
S-
-
6
3
-m
B
dF T
U
O
<
z
H
G
1
--
0
3
-m
B
dF T
U
O
>
z
H
G
1
s
s
e
n
d
e
g
g
u
R-
-
1
:
0
1R
W
S
V
,
s
e
s
a
h
p
d
a
o
l
ll
A
P T
U
O
m
B
d
5
.
4
3
r
e
w
o
P
e
s
i
o
N
X
R-
7
8
-3
8
-m
B
d
F X
T
,
z
H
M
9
4
8
=
,
z
H
k
0
0
1
=
W
B
R
F X
R
,
z
H
M
4
9
8
o
t
9
6
8
=
P T
U
O
m
B
d
5
.
4
3
R
W
S
V
t
u
p
n
I-
1
:
5
.
11
:
5
.
2-
P T
U
O
m
B
d
5
.
4
3


Similar Part No. - AWT6166R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
More results

Similar Description - AWT6166R

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6108R ANADIGICS-AWT6108R Datasheet
276Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6201 ANADIGICS-AWT6201 Datasheet
203Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
AWT6202 ANADIGICS-AWT6202 Datasheet
209Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band PowerPlexer with Integrated Power Control
AWT6123 ANADIGICS-AWT6123 Datasheet
214Kb / 10P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier
logo
TriQuint Semiconductor
TQM7M4006 TRIQUINT-TQM7M4006 Datasheet
72Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
Qorvo, Inc
TQM7M5022 QORVO-TQM7M5022 Datasheet
59Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M4007 TRIQUINT-TQM7M4007_15 Datasheet
91Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M5012H TRIQUINT-TQM7M5012H_15 Datasheet
107Kb / 1P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
TQM7M4014 TRIQUINT-TQM7M4014 Datasheet
207Kb / 8P
   3V Quad-Band GSM850/GSM900/DCS/PCS Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com