Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWS5506 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWS5506
Description  GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWS5506 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWS5506 Datasheet HTML 1Page - ANADIGICS, Inc AWS5506 Datasheet HTML 2Page - ANADIGICS, Inc AWS5506 Datasheet HTML 3Page - ANADIGICS, Inc AWS5506 Datasheet HTML 4Page - ANADIGICS, Inc AWS5506 Datasheet HTML 5Page - ANADIGICS, Inc AWS5506 Datasheet HTML 6Page - ANADIGICS, Inc AWS5506 Datasheet HTML 7Page - ANADIGICS, Inc AWS5506 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Data Sheet - Rev 2.1
08/2001
AWS5506
Table 3: Operating Ranges at 25° C (0, +3V)
Table 2: Absolute Minimum and Maximum Ranges
Notes:
1.
All measurements made in a 50 ohm system, unless otherwise specified.
2.
DC = 300 kHz.
3.
Insertion loss changes by 0.003 dB/°C.
4.
Insertion loss state.
5.
Video feedthru measured with 1 ns rise time pulse and 500 MHz bandwidth.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITION
FREQUENCY
MIN
TYP
MAX
UNIT
Switching Characteritics 5
Rise, Fall (10/90% or 90/10% RF)
On, Off (50% CTL to 90%/10% RF)
Video Feedthru
-
-
-
-
-
-
10
20
25
-
-
-
ns
ns
mV
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +10 dBm
0.5 - 2.0 GHz
-
+45
-
dBm
Input Power for 1dB Compression
@ +3V
@ +5V
0.5 - 2.0 GHz
0.5 - 2.0 GHz
-
+21
+28
-
dBm
Control Voltage
V
LOW = 0 to 0.2 V @ 20 uA Max
V
HIGH = +3 V @ 100 uA Max to +5 V @ 200 uA Max
V
S = VHIGH +
0.2V
The device may be operated safely over these conditions; however, parametric performance is guaranteed
only over the conditions defined in the electrical specifications.
Stresses in excess of the absolute ratings may cause
permanent damage. Functional operation is not implied under
these conditions. Exposure to absolute ratings for extended
periods of time may adversely affect reliability. (8 pt bold)
PARAMETER
MIN
MAX
UNIT
RF Input Power
> 500 MHz, 0/+7 V Control
-
2
W
Control Voltage
-0.2
+8
V
Operating Temperature
-40
+125
°C
Storage Temperature
-50
+150
°C
JC
-
25
° C/W
Θ


Similar Part No. - AWS5506

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5506S14 ANADIGICS-AWS5506S14 Datasheet
66Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
More results

Similar Description - AWS5506

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5502 ANADIGICS-AWS5502 Datasheet
194Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
AWS5502-S14 ANADIGICS-AWS5502-S14 Datasheet
303Kb / 3P
   GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
AWS5506S14 ANADIGICS-AWS5506S14 Datasheet
66Kb / 8P
   GaAs IC SPDT Reflective Switch Positive Control DC - 2.5 GHz
logo
Skyworks Solutions Inc.
AS125-73 SKYWORKS-AS125-73 Datasheet
32Kb / 2P
   GaAs IC SPDT Reflective Switch Positive Control DC-2.5 GHz
AS338-12 SKYWORKS-AS338-12 Datasheet
426Kb / 2P
   GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
logo
Alpha Industries
AS002M2-12 ALPHA-AS002M2-12 Datasheet
25Kb / 2P
   GaAs IC SPDT Switch Non-Reflective DC-2.5 GHz
AS118-12 ALPHA-AS118-12 Datasheet
23Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS158-59 ALPHA-AS158-59 Datasheet
46Kb / 2P
   GaAs IC High Linearity Positive Control SPDT Switch DC-2.5 GHz
AS148-24 ALPHA-AS148-24 Datasheet
25Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
AS164-80 ALPHA-AS164-80 Datasheet
55Kb / 2P
   GaAs IC High Isolation Positive Control SPDT Switch DC-2.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com