Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWM6430RM18P8 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AWM6430RM18P8
Description  3.3-3.6 GHz WiMAX PowerAmplifier Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWM6430RM18P8 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AWM6430RM18P8 Datasheet HTML 1Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 2Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 3Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 4Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 5Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 6Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 7Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 8Page - ANADIGICS, Inc AWM6430RM18P8 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
01/2006
AWM6430
3.3-3.6 GHz WiMAX PowerAmplifierModule
PRELIMINARY DATA SHEET- Rev 1.0
M18 Package
12 Pin 4.5 mm x 4.5 mm x 1.4 mm
Surface Mount Module
FEATURES
27 dB Gain
+24 dBm Linear Output Power
2.3 % EVM (OFDM Modulation)
+5 V to +6 V Supply
High Efficiency
Integrated Step Attenuator
Integrated Output Power Detector
•50
Ω Matched RF Ports
RoHS Compliant 4.5 mm x 4.5 mm x 1.4 mm
Surface Mount Module
APPLICATIONS
WiMAX tranceivers that support the IEEE
802.16-2004 and ETSI EN301-021 standards
Broadband Wireless Applications (BWA)
PRODUCT DESCRIPTION
The ANADIGICS AWM6430 WiMAX Power Amplifier
is a high performance device that delivers
exceptional linearity and efficiency at high levels of
output power. Designed to operate in the 3.5 GHz
band, it supports the IEEE 802.16-2004 and ETSI
EN301-021 wireless standards.
The device requires only a single +5 V to +6 V supply
and a low-current reference input. An integrated
detector can be used to monitor output power, and
an integrated 20 dB step attenuator enables gain
control. No external circuits are required for biasing
or RF impedance matching, thus reducing external
component costs and facilitating circuit board
designs.
The AWM6430 is manufactured using advanced
InGaP HBT technology that offers state-of-the-art
reliability, temperature stability and ruggedness. It
is optimized for use in a 50
Ω system, and is offered
in a 4.5 mm x 4.5 mm x 1.4 mm surface mount
module.
Figure 1: Functional Block Diagram
Step
Attenuator
Power
Detector
Bias
Control
Supply
Voltage
Supply
Voltage
Attenuator
Control
Detector
Ouput
RF Input
RF Output
Matching
Network
Bias
Voltage
Ground
AWM6430
AWM6430


Similar Part No. - AWM6430RM18P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6431RM18P8 ANADIGICS-AWM6431RM18P8 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6432 ANADIGICS-AWM6432 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6432RM18P8 ANADIGICS-AWM6432RM18P8 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6433 ANADIGICS-AWM6433 Datasheet
650Kb / 9P
   3.4 - 3.6 GHz WiMAX Power Amplifier Module
More results

Similar Description - AWM6430RM18P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWM6432 ANADIGICS-AWM6432 Datasheet
217Kb / 12P
   3.3-3.6 GHz WiMAX PowerAmplifier Module
AWM6431 ANADIGICS-AWM6431 Datasheet
218Kb / 12P
   3.5-3.8 GHz WiMAX PowerAmplifier Module
AWM6433 ANADIGICS-AWM6433 Datasheet
650Kb / 9P
   3.4 - 3.6 GHz WiMAX Power Amplifier Module
logo
Johanson Technology Inc...
3600BP14M0600 JOHANSON-3600BP14M0600 Datasheet
115Kb / 2P
   3.3 - 3.7 GHz WiMAX BPF
logo
ANADIGICS, Inc
AWT6283R ANADIGICS-AWT6283R Datasheet
485Kb / 10P
   3.3 GHz to 3.8 GHz Mobile WiMAX Power Amplifier Module
logo
Johanson Technology Inc...
3600BP14M0600T JOHANSON-3600BP14M0600T Datasheet
114Kb / 2P
   3.3 - 3.7 GHz WiMAX BPF
logo
Cree, Inc
CGH35060F1 CREE-CGH35060F1 Datasheet
2Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
logo
WOLFSPEED, INC.
CGH35060F1_P1 WOLFSPEED-CGH35060F1_P1 Datasheet
1Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev. 3.3, 2022-10-28
logo
AVAGO TECHNOLOGIES LIMI...
MGA-23003 AVAGO-MGA-23003_15 Datasheet
694Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifier
logo
TriQuint Semiconductor
AH315 TRIQUINT-AH315_15 Datasheet
345Kb / 9P
   3.3 ??3.8 GHz WiMAX 2W Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com