Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWL6950RM21P0 Datasheet(PDF) 11 Page - ANADIGICS, Inc

Part # AWL6950RM21P0
Description  2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWL6950RM21P0 Datasheet(HTML) 11 Page - ANADIGICS, Inc

Back Button AWL6950RM21P0 Datasheet HTML 7Page - ANADIGICS, Inc AWL6950RM21P0 Datasheet HTML 8Page - ANADIGICS, Inc AWL6950RM21P0 Datasheet HTML 9Page - ANADIGICS, Inc AWL6950RM21P0 Datasheet HTML 10Page - ANADIGICS, Inc AWL6950RM21P0 Datasheet HTML 11Page - ANADIGICS, Inc AWL6950RM21P0 Datasheet HTML 12Page - ANADIGICS, Inc AWL6950RM21P0 Datasheet HTML 13Page - ANADIGICS, Inc AWL6950RM21P0 Datasheet HTML 14Page - ANADIGICS, Inc AWL6950RM21P0 Datasheet HTML 15Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet - Rev 2.2
04/2006
AWL6950
11
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
Gain 2.40 GHz
Gain 2.45 GHz
Gain 2.50 GHz
Current 2.40 GHz
Current 2.45 GHz
Current 2.50 GHz
Current
Gain
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
Gain 0C
Gain +25C
Gain +50C
Gain +85C
Current 0C
Current +25C
Current +50C
Current +85C
Gain
Current
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
360
Gain 3.0V
Gain 3.3V
Gain 3.6V
Icc 3.0V
Icc 3.3V
Icc 3.6V
Gain
Curren
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
1st Sidelobe 2.40GHz
1st Sidelobe 2.45GHz
1st Sidelobe 2.50GHz
2nd Sidelobe 2.40GHz
2nd Sidelobe 2.45GHz
2nd Sidelobe 2.50GHz
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
1st Sidelobe 0C
1st Sidelobe 25C
1st Sidelobe 50C
1st Sidelobe 85C
2nd Sidelobe 0C
2nd Sidelobe 25C
2nd Sidelobe 50C
2nd Sidelobe 85C
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
Output Power (dBm)
1st Sidelobe 3.00V
1st Sidelobe 3.30V
1st Sidelobe 3.60V
2nd Sidelobe 3.00V
2nd Sidelobe 3.30V
2nd Sidelobe 3.60V
Figure 11: Gain and ICC vs. Output Power Across
Frequency (VCC = +3.3 V, TC = +25oC)
802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
Figure 14: ACPR vs. Output Power Across
Frequency (VCC = +3.3 V, TC = 25oC)
802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
Figure 12: Gain and ICC vs. Output Power Across
Temp (Freq = 2.45 GHz, VCC = +3.3 V)
802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
Figure 15: ACPR vs. Output Power Across Temp
(Freq = 2.45 GHz, VCC = +3.3 V)
802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
Figure 13: Gain and ICC vs. Output Power Across
Power Supply Voltage (Freq = 2.45 GHz,
TC = 25oC) 802.11b Gaussian Filtering
(BT = 0.5), 1 Mbps
Figure 16: ACPR vs. Output Power Across Power
Supply Voltage (Freq = 2.45 GHz, TC = 25oC)
802.11b Gaussian Filtering (BT = 0.5), 1 Mbps
802.11b PERFORMANCE DATA


Similar Part No. - AWL6950RM21P0

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P0 ANADIGICS-AWL6951RM22P0 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P6 ANADIGICS-AWL6951RM22P6 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
AWL6951RM22P8 ANADIGICS-AWL6951RM22P8 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
More results

Similar Description - AWL6950RM21P0

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
   2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
AWL6951 ANADIGICS-AWL6951 Datasheet
973Kb / 22P
   2.4/5 GHz 802.11a/b/g/n WLAN Power Amplifier
RFSP5032 ANADIGICS-RFSP5032 Datasheet
168Kb / 12P
   5 GHz 802.11a WLAN Power Amplifier
logo
ATMEL Corporation
ATR3515 ATMEL-ATR3515 Datasheet
165Kb / 7P
   5-GHz WLAN Power Amplifier for 802.11a
logo
ANADIGICS, Inc
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
   2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Keysight Technologies
M9077A KEYSIGHT-M9077A Datasheet
2Mb / 13P
   M9077A WLAN 802.11a/b/g/n/ac
logo
ANADIGICS, Inc
AWL9966 ANADIGICS-AWL9966 Datasheet
579Kb / 18P
   802.11a/b/g/n WLAN/Bluetooth FEIC
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com