Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA7609D1 Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # ATA7609D1
Description  10 Gb/s High Overload TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ATA7609D1 Datasheet(HTML) 1 Page - ANADIGICS, Inc

  ATA7609D1 Datasheet HTML 1Page - ANADIGICS, Inc ATA7609D1 Datasheet HTML 2Page - ANADIGICS, Inc ATA7609D1 Datasheet HTML 3Page - ANADIGICS, Inc ATA7609D1 Datasheet HTML 4Page - ANADIGICS, Inc ATA7609D1 Datasheet HTML 5Page - ANADIGICS, Inc ATA7609D1 Datasheet HTML 6Page - ANADIGICS, Inc ATA7609D1 Datasheet HTML 7Page - ANADIGICS, Inc ATA7609D1 Datasheet HTML 8Page - ANADIGICS, Inc ATA7609D1 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
10/2002
VBIAS
IIN
VREF
DC
Offset
Control
Low Pass
Filter
CEXT
VEE
VOUT
VOUT
ATA7609
10 Gb/s High Overload TIA
PRELIMINARY DATA SHEET - Rev 1.0
D1
Die
FEATURES
1800
Ω Differential Transimpedance
3 mApp Maximum Input Current
14 pA/
√Hz Input Noise Current Density
Single –5.2 V Power Supply
Low Group Delay
Outputs DC or AC Coupled
Same Functionality as ATA7603 with the Output
Polarities Reversed
APPLICATIONS
SONET/SDH OC-192 /STM-64 VSR,
Short-Reach, Intermediate-Reach, and
Long-Reach Receivers
10 Gb/s Ethernet
Fiber optic receivers, transceivers, and
transponders
PRODUCT DESCRIPTION
The ANADIGICS ATA7609 is a –5.2 V high-speed
transimpedance amplifier (TIA) designed for
10 Gb/s optical receiver applications available in
bare die form and manufactured using an InGaP
based HBT process. The device is used in
conjunction with a photodetector to convert an
optical signal into a differential output voltage that
can be AC or DC coupled to a post amplifier. The
ATA7609 has an internal overload support circuit
and can accept optical inputs as high as +3 dBm.
With its low noise and high optical overload capability,
the device is well suited for 10 Gb/s Ethernet and
OC-192 Very Short-Reach (VSR), Short-Reach,
Intermediate-Reach and Long-Reach optical
receivers, transceivers and transponders. The
ATA7609 is identical to the ATA7603 but with the
output polarities reversed.
Figure 1: Circuit Block Diagram
IIN
VOUT
CEXT
VEE
GND
GND
GND
GND
VEE
VOUT
GND


Similar Part No. - ATA7609D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
ATA7601D1 ANADIGICS-ATA7601D1 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
ATA7602D1 ANADIGICS-ATA7602D1 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
ATA7603 ANADIGICS-ATA7603 Datasheet
185Kb / 12P
   10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
More results

Similar Description - ATA7609D1

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ATA7603 ANADIGICS-ATA7603 Datasheet
185Kb / 12P
   10 Gb/s High Overload TIA PRELIMINARY DATA SHEET - Rev 1.0
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
logo
Zarlink Semiconductor I...
PX6524 ZARLINK-PX6524 Datasheet
617Kb / 3P
   4 x 10 Gb/s TIA/LA Receiver
PX6429 ZARLINK-PX6429 Datasheet
229Kb / 3P
   12 x 10 Gb/s TIA/LA Optical Receiver
logo
ANADIGICS, Inc
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
   2.5 Gb/s 1310/1550nm PIN-TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com