Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD1383 Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # MD1383
Description  Ultra High Sensitivity Gateable Channel Photomultiplier DC-Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MD1383 Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  MD1383 Datasheet HTML 1Page - PerkinElmer Optoelectronics MD1383 Datasheet HTML 2Page - PerkinElmer Optoelectronics MD1383 Datasheet HTML 3Page - PerkinElmer Optoelectronics MD1383 Datasheet HTML 4Page - PerkinElmer Optoelectronics MD1383 Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MD 900 Series
1/3” DC Photosensor Module
Technical Specifications
Supply voltage
5 V dc
Supply current
< 280 mA
Settling time
< 1s (time to stabilize HV after supply voltage applied)
Over-illumination protection:
active quenching control (internal)
Current to voltage conversion factor
1 V/ 20nA (other values on request)
Output signal
0 ... 10 V dc **)
Output offset
± 3mV
Gain
up to 1 x 108, via internal potentiometer (or by external control voltage
0...3 V via ext. OpAmp circuit)
Active Quenching Control
TTL-Pulse, active high, RESET: internal via timer, typ. 1 s, external
via 5 V-pulse
Frequency bandwidth
DC to 1 kHz (other values on request, max. 20 kHz)
GATE voltage V
gate
5 V: h to l set time V
ca to Vch-ent +100 V : ~ 150 µs
5 V: l to h set time V
ca to Vch-ent - 100 V : ~ 150 µs
High voltage pre-adjusted
1500 volts
Maximum ratings
Input voltage
+5.5 V
Operating temperature
5 to 40 °C
Storage temperature
-20 to 50 °C
Weight
~ 350 g
Operating Conditions
Performance Characteristics
Spectral response
0,1
1
10
100
100
200
300
400
500
600
700
800
900
Wavelength (nm)
C 911
C 942
C 962
C 921
C 952
C 972
C 943
C 973
C 983
C 982
C 922
C 944
Current Amplification vs Control Voltage
1,E+02
1,E+03
1,E+04
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
0,9
1,4
1,9
2,4
2,9
Control Voltage / V
*) Additional models on request
**) for long term operation: max. average output voltage of <
5 V (anode current of <100 nA) is recommended


Similar Part No. - MD1383

ManufacturerPart #DatasheetDescription
logo
Jiangsu APT Semiconduct...
MD130S08M3 APTSEMI-MD130S08M3 Datasheet
99Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Micro Commercial Compon...
MD130S08M3 MCC-MD130S08M3 Datasheet
510Kb / 4P
   Rectifiers for DC motor field supplies
logo
Yangzhou yangjie electr...
MD130S08M3 YANGJIE-MD130S08M3 Datasheet
160Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Shanghai Leiditech Elec...
MD130S08M3 LEIDITECH-MD130S08M3 Datasheet
384Kb / 3P
   Glass Passivated Three Phase Rectifier Bridge
logo
Jiangsu APT Semiconduct...
MD130S08M5 APTSEMI-MD130S08M5 Datasheet
115Kb / 3P
   Glass Passivated Three
More results

Similar Description - MD1383

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP900 PERKINELMER-MP900 Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
MH900 PERKINELMER-MH900 Datasheet
562Kb / 5P
   Ultra High Sensitivity Channel Photomultiplier Head Including High Voltage Power Supply
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
R9110 HAMAMATSU-R9110 Datasheet
177Kb / 4P
   PHOTOMULTIPLIER TUBE High Sensitivity and Lower Dark Current
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Hamamatsu Corporation
C7169 HAMAMATSU-C7169_15 Datasheet
215Kb / 2P
   POWER SUPPLIES FOR PHOTOMULTIPLIER TUBE MODULES
logo
MultiDimension Technolo...
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
   Ultra High Sensitivity TMR linear sensor
V1.0a
logo
OmniVision Technologies...
OV7740 OMNIVISION-OV7740 Datasheet
161Kb / 2P
   ultra-high sensitivity CMOS image sensor
OV07740-A32A OMNIVISION-OV07740-A32A Datasheet
161Kb / 2P
   ultra-high sensitivity CMOS image sensor
logo
MultiDimension Technolo...
TMR2901 MULTIDIMENSION-TMR2901 Datasheet
507Kb / 5P
   Ultra High Sensitivity TMR linear sensor
V1.0a
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com