Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APS3604RS29P8 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # APS3604RS29P8
Description  Active Splitter for CATV Set-Top Boxes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

APS3604RS29P8 Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button APS3604RS29P8 Datasheet HTML 2Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 3Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 4Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 5Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 6Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 7Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 8Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 9Page - ANADIGICS, Inc APS3604RS29P8 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.0
11/2004
APS3604
Figure 10: Gain vs. AGC Voltage
(TA = +25 oC, VCC = + 5 V)
Figure 9: Output Port-to-Port Isolation vs. Frequency
(TA = +25 oC, VCC = + 5 V, POUT = +6 dBmV)
Figure 8: CTB vs. Input Power
(TA = +25 oC, VCC = + 5 V, POUT = +6 dBmV,
135 channel flat input)
Figure 7: CSO vs. Input Power
(TA = +25 oC, VCC = + 5 V, POUT = +6 dBmV,
135 channel flat input)
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
5
1015
2025
Input Power (dBmV)
77 MHz
445 MHz
865 MHz
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
5
1015
2025
Input Power (dBmV)
77 MHz
445 MHz
865 MHz
-90
-80
-70
-60
-50
-40
-30
-20
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
Vagc = +3 V
Vagc = 0 V
-25
-20
-15
-10
-5
0
5
10
0
0.5
1
1.5
2
2.5
3
AGC Voltage (V)
52 MHz
502 MHz
997 MHz


Similar Part No. - APS3604RS29P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602S29P8 ANADIGICS-APS3602S29P8 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3605 ANADIGICS-APS3605 Datasheet
357Kb / 12P
   1 GHz Three-way Active Power Splitter
APS3605RS26Q1 ANADIGICS-APS3605RS26Q1 Datasheet
357Kb / 12P
   1 GHz Three-way Active Power Splitter
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
More results

Similar Description - APS3604RS29P8

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
APS3608 ANADIGICS-APS3608 Datasheet
177Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3602 ANADIGICS-APS3602 Datasheet
222Kb / 12P
   Active Splitter for CATV Set-Top Boxes
APS3606 ANADIGICS-APS3606 Datasheet
369Kb / 8P
   Active Splitter for Analog/Digital CATV Set-Top Boxes
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
RFHIC
AD211 RFHIC-AD211 Datasheet
246Kb / 6P
   Multi Tuner Set-Top Boxes
AD254 RFHIC-AD254 Datasheet
256Kb / 6P
   Multi Tuner Set-Top Boxes
AD274 RFHIC-AD274 Datasheet
266Kb / 6P
   Multi Tuner Set-Top Boxes
AD311 RFHIC-AD311_14 Datasheet
298Kb / 9P
   Multi Tuner Set-Top Boxes
logo
SIRENZA MICRODEVICES
CGA-0116 SIRENZA-CGA-0116 Datasheet
167Kb / 8P
   3-Output Active Splitter for CATV
logo
Texas Instruments
TPS65230 TI-TPS65230 Datasheet
937Kb / 26P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL SET TOP BOXES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com