Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA13H3340M-01 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RA13H3340M-01
Description  330-400MHz 13W 12.5V MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA13H3340M-01 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RA13H3340M-01 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA13H3340M-01 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA13H3340M-01 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA13H3340M-01 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA13H3340M-01 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA13H3340M-01 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA13H3340M-01 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA13H3340M-01 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA13H3340M-01 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MITSUBISHI RF POWER MODULE
RA 13H3340 M
RA13H3340M
MITSUBISHI ELECTRIC
23 Dec 2002
6/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
C1, C2: 4700pF, 22uF in parallel
Directional
Coupler
Attenuator
Power
Meter
Spectrum
Analyzer
Signal
Generator
Attenuator
Pre-
amplifier
Power
Meter
Directional
Coupler
DUT
5
4
3
2
1
ZG=50Ω
ZL=50Ω
C1
C2
-
+
DC Power
Supply VGG
+
-
DC Power
Supply VDD
TEST BLOCK DIAGRAM
Attenuator
EQUIVALENT CIRCUIT
EQUIVALENT CIRCUIT
2
3
1
5
4


Similar Part No. - RA13H3340M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H3340M-101 MITSUBISHI-RA13H3340M-101 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M-101 MITSUBISHI-RA13H3340M-101 Datasheet
94Kb / 9P
   330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M-101 MITSUBISHI-RA13H3340M-101 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA13H3340M-01

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA13H3340M MITSUBISHI-RA13H3340M_10 Datasheet
94Kb / 9P
   330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
M57704UL MITSUBISHI-M57704UL Datasheet
43Kb / 1P
   380-400MHz 12.5V,13W,FM MOBILE RADIO???
RA13H3340M MITSUBISHI-RA13H3340M_11 Datasheet
174Kb / 9P
   RoHS Compliance ,330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA13H3340M MITSUBISHI-RA13H3340M_06 Datasheet
216Kb / 8P
   RoHS Compliance , 330-400MHz 13W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_10 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M_10 Datasheet
98Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M MITSUBISHI-RA55H3340M Datasheet
88Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H1317M MITSUBISHI-RA13H1317M Datasheet
67Kb / 9P
   135-175MHz 13W 12.5V MOBILE RADIO
RA13H4452M MITSUBISHI-RA13H4452M Datasheet
64Kb / 9P
   440-520MHz 13W 12.5V MOBILE RADIO
RA07H3340M MITSUBISHI-RA07H3340M Datasheet
62Kb / 9P
   MITSUBISHI RF MOSFET MODULE 330-400MHz 7W 12.5V PORTABLE/ MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com