Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT8410T46L Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AMT8410T46L
Description  2.5 Gb/s 1310/1550nm PIN-TIA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8410T46L Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AMT8410T46L Datasheet HTML 1Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 2Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 3Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 4Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 5Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 6Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 7Page - ANADIGICS, Inc AMT8410T46L Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PRELIMINARY DATA SHEET - Rev 1.1
09/2002
AMT8410
PERFORMANCE DATA
Figure 7: Differential Responsivity vs. Case
Temperature
1000
1250
1500
1750
2000
2250
2500
2750
3000
0
1020
3040
5060
7080
90
Case Temperature (C)
3V
3.3V
3.6V
-25.00
-24.50
-24.00
-23.50
-23.00
-22.50
-22.00
-21.50
-21.00
0
10
203040
506070
8090
Case Temperature (C)
3V
3.3V
3.6V
Figure 8: Sensitivity vs. Case Temperature
40.0
45.0
50.0
55.0
60.0
65.0
70.0
75.0
80.0
0
10
203040
506070
8090
Case Temperature (C)
3V
3.3V
3.6V
Figure 5: Supply Current vs. Case Temperature
Figure 6: Bandwidth vs. Case Temperature
1600
1700
1800
1900
2000
2100
2200
2300
2400
0
1020
3040
5060
7080
90
Case Temperature (C)
3V
3.3V
3.6V
Figure 3: Eye Diagram with an Optical Input
Power of -23 dBm
100 ps/Div.
5 mV/Div.
Figure 4: Eye Diagram with an Optical Input
Power of -15 dBm
100 ps/Div.
25 mV/Div.


Similar Part No. - AMT8410T46L

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8412T46L4 ANADIGICS-AMT8412T46L4 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8412T46L5 ANADIGICS-AMT8412T46L5 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
More results

Similar Description - AMT8410T46L

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8650 ANADIGICS-AMT8650 Datasheet
161Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
logo
Ericsson
PGR20301 ERICSSON-PGR20301 Datasheet
342Kb / 4P
   PIN Receiver Module for 2.5 Gb/s
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com