Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ5EV5 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ5EV5
Description  Large Output Current Type Low Power-Loss Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ5EV5 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ5EV5 Datasheet HTML 1Page - Sharp Corporation PQ5EV5 Datasheet HTML 2Page - Sharp Corporation PQ5EV5 Datasheet HTML 3Page - Sharp Corporation PQ5EV5 Datasheet HTML 4Page - Sharp Corporation PQ5EV5 Datasheet HTML 5Page - Sharp Corporation PQ5EV5 Datasheet HTML 6Page - Sharp Corporation PQ5EV5 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PQ5EV3/PQ5EV5/PQ5EV7
0
20
40
60
80
100
024
13579
11
6
8
10
12
Output current IO (A)
VI-O=3.7V
VI-O=1.7V
VI-O=1V
VI-O=0.5V
0
20
40
60
80
100
024
13579
11
6
8
10
12
Output current IO (A)
VI-O=3.7V
VI-O=1.7V
VI-O=1V
VI-O=0.5V
Fig.5 Overcurrent Protection Characteristics
(PQ5EV5)
Fig.6 Overcurrent Protection Characteristics
(PQ5EV7)
0
20
40
60
80
100
024
13579
11
6
8
10
12
Output current IO (A)
VI-O=3.7V
VI-O=1.7V
VI-O=1V
VI-O=0.5V
1.6
10
20
30
40
50
45
−20
0
25
50
80
Ambient temperature Ta (°C)
PD2 : With infinite heat sink
PD1 : No heat sink
Note) Oblique line prtion:Overheat protection may operate in this area
Fig.4 Overcurrent Protection Characteristics
(PQ5EV3)
Fig.3 Power Dissipation vs. Ambient
Temperature
Input voltage VIN (V)
0
1
2
3
4
036
147
25
RL=1.7Ω
RL=∞Ω
R1=2kΩ
R2=2.8kΩ
RL=0.8Ω
VIN=5V
IO=0
VO=3V
−10
−8
−6
−4
−2
0
2
4
6
8
10
−25
0
25
50
75
100
125
Junction temperature Tj (°C)
PQ5EV7
PQ5EV3
PQ5EV5
Fig.8 Output Voltage vs. Input Voltage
(PQ5EV3)
Fig.7 Reference Voltage Fluctuation vs.
Junction Temperature


Similar Part No. - PQ5EV5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
   Large Output Current Type Low Power-Loss Voltage Regulator
More results

Similar Description - PQ5EV5

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ05VY3H3Z SHARP-PQ05VY3H3Z Datasheet
89Kb / 9P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulator
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
   3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
logo
Unisonic Technologies
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com