Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGB3312 Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AGB3312
Description  50??High Linearity Low Noise Internally Biased Wideband Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AGB3312 Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AGB3312 Datasheet HTML 1Page - ANADIGICS, Inc AGB3312 Datasheet HTML 2Page - ANADIGICS, Inc AGB3312 Datasheet HTML 3Page - ANADIGICS, Inc AGB3312 Datasheet HTML 4Page - ANADIGICS, Inc AGB3312 Datasheet HTML 5Page - ANADIGICS, Inc AGB3312 Datasheet HTML 6Page - ANADIGICS, Inc AGB3312 Datasheet HTML 7Page - ANADIGICS, Inc AGB3312 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PRELIMINARY DATA SHEET - Rev 1.0
07/2003
AGB3312
PACKAGE OUTLINE
Figure 8: S24 Package Outline – SOT-89
Figure 9: Branding Specification
3312
LLLLNN
LLLL= FOUR NUMERIC CHARACTERS


Similar Part No. - AGB3312

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3310S24Q1 ANADIGICS-AGB3310S24Q1 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3311 ANADIGICS-AGB3311 Datasheet
295Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3311S24Q1 ANADIGICS-AGB3311S24Q1 Datasheet
295Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
More results

Similar Description - AGB3312

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AGB3309 ANADIGICS-AGB3309 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3311 ANADIGICS-AGB3311 Datasheet
295Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3303 ANADIGICS-AGB3303 Datasheet
192Kb / 8P
   50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3307 ANADIGICS-AGB3307 Datasheet
271Kb / 8P
   50-ohm High Linearity Low Noise Wideband Gain Block
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3302 ANADIGICS-AGB3302 Datasheet
199Kb / 8P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3306 ANADIGICS-AGB3306 Datasheet
265Kb / 8P
   50W High Linearity Low Noise Wideband Gain Block
AGB3300 ANADIGICS-AGB3300 Datasheet
281Kb / 16P
   50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3301 ANADIGICS-AGB3301_12 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com