Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE3512S02 Datasheet(PDF) 5 Page - California Eastern Labs

Part # NE3512S02
Description  HETERO JUNCTION FIELD EFFECT TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE3512S02 Datasheet(HTML) 5 Page - California Eastern Labs

  NE3512S02 Datasheet HTML 1Page - California Eastern Labs NE3512S02 Datasheet HTML 2Page - California Eastern Labs NE3512S02 Datasheet HTML 3Page - California Eastern Labs NE3512S02 Datasheet HTML 4Page - California Eastern Labs NE3512S02 Datasheet HTML 5Page - California Eastern Labs NE3512S02 Datasheet HTML 6Page - California Eastern Labs NE3512S02 Datasheet HTML 7Page - California Eastern Labs NE3512S02 Datasheet HTML 8Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NE3512S02
RF MEASURING LAYOUT PATTERN (REFERENCE ONLY) (UNIT: mm)
2.80
L2–uX Ver. 1
1.7 mm/R.P.
2.60
2.06
2.6
1.7
1.7
Reference Plane
(Calibration Plane)
Reference Plane
(Calibration Plane)
6.0
0.64
0.3 TH
φ
RT/duroid 5880/ROGERS
t = 0.254 mm
εr = 2.20
tan delta = 0.0009 @10 GHz
Data Sheet PG10592EJ01V0DS
5


Similar Part No. - NE3512S02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3512S02 RENESAS-NE3512S02 Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3512S02-T1C RENESAS-NE3512S02-T1C Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3512S02-T1D RENESAS-NE3512S02-T1D Datasheet
200Kb / 11P
   C TO Ku BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Similar Description - NE3512S02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32984D RENESAS-NE32984D Datasheet
207Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1995
NE350184C RENESAS-NE350184C Datasheet
223Kb / 11P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com