Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACA1206 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ACA1206
Description  1 GHz CATV Line Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA1206 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ACA1206 Datasheet HTML 1Page - ANADIGICS, Inc ACA1206 Datasheet HTML 2Page - ANADIGICS, Inc ACA1206 Datasheet HTML 3Page - ANADIGICS, Inc ACA1206 Datasheet HTML 4Page - ANADIGICS, Inc ACA1206 Datasheet HTML 5Page - ANADIGICS, Inc ACA1206 Datasheet HTML 6Page - ANADIGICS, Inc ACA1206 Datasheet HTML 7Page - ANADIGICS, Inc ACA1206 Datasheet HTML 8Page - ANADIGICS, Inc ACA1206 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
09/2005
3
ACA1206
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
y
c
n
e
u
q
e
r
F
F
R0
4-
0
0
0
1z
H
M
V
:
y
l
p
p
u
S
D
D
)
5
1
,
4
1
,
1
1
,
0
1
s
n
i
p
(-
2
1
+-
C
D
V
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O0
4
--
0
1
1
+
O
C
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
The device may be operated safely over these conditions; however,
parametric performance is guaranteed only over the conditions defined in
the electrical specifications.
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
)
5
1
,
4
1
,
1
1
,
0
1
s
n
i
p
(
s
e
il
p
p
u
S
r
e
if
il
p
m
A0
5
1
+C
D
V
)
6
,
3
s
n
i
p
(
r
e
w
o
P
t
u
p
n
I
F
R-
0
7
+V
m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1
+C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S-
0
6
2
+C
°
e
m
i
T
g
n
ir
e
d
l
o
S-
0
.
5c
e
s
Notes:
1. Pins 3 and 6 should be AC-coupled. No external DC bias should be
applied.
2. Pin 7 should be pulled to ground through resistor R1, as shown in Figure 3.
No external DC bias should be applied.
Table 3: Operating Ranges


Similar Part No. - ACA1206

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
ACA1206 SKYWORKS-ACA1206 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
logo
ANADIGICS, Inc
ACA1206RS7P2 ANADIGICS-ACA1206RS7P2 Datasheet
1Mb / 20P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206RS7P2 SKYWORKS-ACA1206RS7P2 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
logo
ANADIGICS, Inc
ACA1206 ANADIGICS-ACA1206_12 Datasheet
1Mb / 20P
   1 GHz CATV Line Amplifier
More results

Similar Description - ACA1206

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA1206 ANADIGICS-ACA1206_12 Datasheet
1Mb / 20P
   1 GHz CATV Line Amplifier
logo
Skyworks Solutions Inc.
ACA1206 SKYWORKS-ACA1206 Datasheet
1Mb / 22P
   1 GHz CATV Line Amplifier
ACA0862-B SKYWORKS-ACA0862-B Datasheet
816Kb / 14P
   1 GHz CATV Line Amplifier MMIC
ACA0862B SKYWORKS-ACA0862B Datasheet
1Mb / 14P
   1 GHz CATV Line Amplifier MMIC
logo
ANADIGICS, Inc
ACA0862 ANADIGICS-ACA0862 Datasheet
534Kb / 12P
   1 GHz CATV Line Amplifier MMIC
ADA10000 ANADIGICS-ADA10000_12 Datasheet
748Kb / 20P
   1 GHz CATV Amplifier
logo
Skyworks Solutions Inc.
ACA1212 SKYWORKS-ACA1212 Datasheet
452Kb / 9P
   ACA1212: 1.2 GHz CATV Line Amplifier MMIC
logo
RFHIC
2F8720P RFHIC-2F8720P_14 Datasheet
214Kb / 5P
   CATV Line Amplifier
2F8725P RFHIC-2F8725P_14 Datasheet
215Kb / 5P
   CATV Line Amplifier
2F8719DS RFHIC-2F8719DS Datasheet
164Kb / 3P
   CATV Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com