Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

13LED20-5XX Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # 13LED20-5XX
Description  1300nm Surface Emitting LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

13LED20-5XX Datasheet(HTML) 2 Page - ANADIGICS, Inc

  13LED20-5XX Datasheet HTML 1Page - ANADIGICS, Inc 13LED20-5XX Datasheet HTML 2Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PD075
Rev 1.0
2
ORDERING INFORMATION
Part Number
Options
13LED20-1xx
Package: TO46
Number of pins: 2, 3
Cap: Window, lens. AR / Non-AR coated.
Cap plating: Gold or nickel
13LED20-5xx
Number of pins: 2, 3
Connector Type: SC, ST or FC. Aligned for APC or UPC
Please contact Anadigics for the specific part number and pinout that suits your needs
ANADIGICS, Inc.
829 Flynn Road
Camarillo, California 93012, U.S.A.
Tel: +1 (805) 445-4500
Fax: +1 (805) 445-4502
URL: http://www.anadigics.com
E-mail: Mktg@anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any
time without notice. The product specifications contained in Advanced Product Information sheets and
Preliminary Data sheets are subject to change prior to a product’s formal introduction. Information in
Data Sheets have been carefully checked and are assumed to be reliable; however, ANADIGICS
assumes no responsibility for inaccuracies. ANADIGICS strongly urges customers to verify that the
information they are using is current before placing orders.
WARNING
ANADIGICS products are not intended for use in life support appliances, devices, or systems. Use of
an ANADIGICS product in any such application without written consent is prohibited.


Similar Description - 13LED20-5XX

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LDTLH-040FCR MA-COM-LDTLH-040FCR Datasheet
112Kb / 2P
   1300nm Edge-Emitting LED
logo
NTE Electronics
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
   Light Emitting Diode (LED) 1206 Surface Mount
logo
Marktech Corporate
MTE1300SL-WRC MARKTECH-MTE1300SL-WRC Datasheet
643Kb / 3P
   Peak Emission Wavelength: 1300nm
logo
NTE Electronics
NTE30005 NTE-NTE30005 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30018 NTE-NTE30018 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0603 Surface Mount
NTE30022 NTE-NTE30022 Datasheet
86Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30026 NTE-NTE30026 Datasheet
83Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30011 NTE-NTE30011 Datasheet
68Kb / 2P
   Light Emitting Diode (LED) PLCC Surface Mount
NTE30088 NTE-NTE30088 Datasheet
88Kb / 2P
   Light Emitting Diode (LED) SOT−23 Surface Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com