Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N11M Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB4N11M
Description  3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N11M Datasheet(HTML) 4 Page - ON Semiconductor

  NB4N11M Datasheet HTML 1Page - ON Semiconductor NB4N11M Datasheet HTML 2Page - ON Semiconductor NB4N11M Datasheet HTML 3Page - ON Semiconductor NB4N11M Datasheet HTML 4Page - ON Semiconductor NB4N11M Datasheet HTML 5Page - ON Semiconductor NB4N11M Datasheet HTML 6Page - ON Semiconductor NB4N11M Datasheet HTML 7Page - ON Semiconductor NB4N11M Datasheet HTML 8Page - ON Semiconductor NB4N11M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NB4N11M
http://onsemi.com
4
Table 4. DC CHARACTERISTICS, CLOCK Inputs, CML Outputs VCC = 3.0 V to 3.6 V, VEE = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
ICC
Power Supply Current (Inputs and Outputs Open)
25
35
mA
RL = 50 W, VTT = 3.6 V to 2.5 V
VOH
Output HIGH Voltage (Note 3)
VTT − 60
VTT − 10
VTT
mV
VOL
Output LOW Voltage (Note 3)
VTT − 1100
VTT − 800
VTT − 640
mV
|VOD|
Differential Output Voltage Magnitude
640
780
1000
mV
RL = 25 W, VTT = 3.6 V to 2.5 V $5%
VOH
Output HIGH Voltage (Note 3)
VTT − 60
VTT − 10
VTT
mV
VOL
Output LOW Voltage (Note 3)
VTT − 550
VTT − 400
VTT − 320
mV
|VOD|
Differential Output Voltage Magnitude
320
390
500
mV
RL = 50 W, VTT = 1.8 V $5%
VOH
Output HIGH Voltage (Note 3)
VTT − 170
VTT − 10
VTT
mV
VOL
Output LOW Voltage (Note 3)
VTT − 1100
VTT − 800
VTT − 640
mV
|VOD|
Differential Output Voltage Magnitude
570
780
1000
mV
RL = 25 W, VTT = 1.8 V $5%
VOH
Output HIGH Voltage (Note 3)
VTT − 85
VTT − 10
VTT
mV
VOL
Output LOW Voltage (Note 3)
VTT − 500
VTT − 400
VTT − 320
mV
|VOD|
Differential Output Voltage Magnitude
285
390
500
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (Figures 14 and 16)
Vth
Input Threshold Reference Voltage Range (Note 5)
VEE
VCC
mV
VIH
Single−ended Input HIGH Voltage
Vth + 100
VCC + 400
mV
VIL
Single−ended Input LOW Voltage
VEE − 400
Vth − 100
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Figures 15 and 17)
VIHD
Differential Input HIGH Voltage
VEE
VCC + 400
mV
VILD
Differential Input LOW Voltage
VEE − 400
VCC − 100
mV
VCMR
Input Common Mode Range (Differential Configuration)
VEE
VCC
mV
|VID|
Differential Input Voltage Magnitude (|VIHD − VILD|) (Note 7)
100
VCC − VEE
mV
CIN
Input Capacitance (Note 7)
1.5
pF
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. CML outputs require RL receiver termination resistors to VTT for proper operation. Outputs must be connected through RL to VTT at power
up. The output parameters vary 1:1 with VTT.
4. Input parameters vary 1:1 with VCC.
5. Vth is applied to the complementary input when operating in single−ended mode.
6. VCMR (MIN) varies 1:1 with VEE, VCMR max varies 1:1 with VCC.
7. Parameter guaranteed by design and evaluation but not tested in production.


Similar Part No. - NB4N11M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N111K ONSEMI-NB4N111K Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N111KMNG ONSEMI-NB4N111KMNG Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N111KMNR4G ONSEMI-NB4N111KMNR4G Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
NB4N1158DTG ONSEMI-NB4N1158DTG Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
More results

Similar Description - NB4N11M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NBSG16M ONSEMI-NBSG16M_06 Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NBSG16M ONSEMI-NBSG16M Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NB4N855S ONSEMI-NB4N855S Datasheet
133Kb / 10P
   3.3 V, 1.5 Gb/s Dual AnyLevelTM to LVDS Receiver/Driver/Buffer/ Translator
June, 2005 ??Rev. 0
NB4N316M ONSEMI-NB4N316M Datasheet
206Kb / 12P
   3.3 V AnyLevel Receiver to CML Driver/Translator with Input Hysteresis
November, 2006 ??Rev. 3
NB4N855S ONSEMI-NB4N855S_06 Datasheet
187Kb / 9P
   3.3 V, 1.5 Gb/s Dual AnyLevel TM to LVDS Receiver/Driver/Buffer/ Translator
April, 2006 ??Rev. 2
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com