Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4N11M Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB4N11M
Description  3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N11M Datasheet(HTML) 2 Page - ON Semiconductor

  NB4N11M Datasheet HTML 1Page - ON Semiconductor NB4N11M Datasheet HTML 2Page - ON Semiconductor NB4N11M Datasheet HTML 3Page - ON Semiconductor NB4N11M Datasheet HTML 4Page - ON Semiconductor NB4N11M Datasheet HTML 5Page - ON Semiconductor NB4N11M Datasheet HTML 6Page - ON Semiconductor NB4N11M Datasheet HTML 7Page - ON Semiconductor NB4N11M Datasheet HTML 8Page - ON Semiconductor NB4N11M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NB4N11M
http://onsemi.com
2
Figure 2. Pinout (Top View) and Logic Diagram
1
2
3
4
5
6
7
8
D
VEE
VCC
Q0
D
Q1
Q1
Q0
Table 1. Pin Description
Pin
Name
I/O
Description
1
Q0
CML Output
Noninverted differential output. Typically receiver terminated with 50 W
resistor to VTT. Open collector CML outputs must be terminated to VTT at
powerup.
2
Q0
CML Output
Inverted differential output. Typically receiver terminated with 50 W resistor
to VTT. Open collector CML outputs must be terminated to VTT at powerup.
3
Q1
CML Output
Noninverted differential output. Typically receiver terminated with 50 W
resistor to VTT. Open collector CML outputs must be terminated to VTT at
powerup.
4
Q1
CML Output
Inverted differential output. Typically receiver terminated with 50 W resistor
to VTT. Open collector CML outputs must be terminated to VTT at powerup.
5
VEE
Negative supply voltage.
6
D
LVPECL, CML, HSTL,
LVCMOS, LVDS, LVTTL Input
Inverted differential input.
7
D
LVPECL, CML, HSTL,
LVCMOS, LVDS, LVTTL Input
Noninverted differential input.
8
VCC
Positive supply voltage.


Similar Part No. - NB4N11M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4N111K ONSEMI-NB4N111K Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N111KMNG ONSEMI-NB4N111KMNG Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N111KMNR4G ONSEMI-NB4N111KMNR4G Datasheet
138Kb / 10P
   3.3V Differential In 1:10 Differential Fanout Clock Driver with HCSL Level Output
June, 2010 ??Rev. 4
NB4N1158 ONSEMI-NB4N1158 Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
NB4N1158DTG ONSEMI-NB4N1158DTG Datasheet
102Kb / 8P
   Link Replicator for Fibre Channel, Gigabit Ethernet, HDTV and SATA
December, 2007 - Rev. 0
More results

Similar Description - NB4N11M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NBSG16M ONSEMI-NBSG16M_06 Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NB7L216MNEVB ONSEMI-NB7L216MNEVB Datasheet
414Kb / 11P
   2.5 V / 3.3 V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2016 ??Rev. 6
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NBSG16M ONSEMI-NBSG16M Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NB4N855S ONSEMI-NB4N855S Datasheet
133Kb / 10P
   3.3 V, 1.5 Gb/s Dual AnyLevelTM to LVDS Receiver/Driver/Buffer/ Translator
June, 2005 ??Rev. 0
NB4N316M ONSEMI-NB4N316M Datasheet
206Kb / 12P
   3.3 V AnyLevel Receiver to CML Driver/Translator with Input Hysteresis
November, 2006 ??Rev. 3
NB4N855S ONSEMI-NB4N855S_06 Datasheet
187Kb / 9P
   3.3 V, 1.5 Gb/s Dual AnyLevel TM to LVDS Receiver/Driver/Buffer/ Translator
April, 2006 ??Rev. 2
logo
Silicon Laboratories
SI5330A-A00200-GM SILABS-SI5330A-A00200-GM Datasheet
158Kb / 20P
   1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com