Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS1040L Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS1040L
Description  10A LOW VF SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS1040L Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS1040L Datasheet HTML 1Page - Diodes Incorporated PDS1040L Datasheet HTML 2Page - Diodes Incorporated PDS1040L Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30486 Rev. 8 - 2
3 of 3
PDS1040L
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
0
2.5
5.0
7.5
12.5
10
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 5 DC Forward Current Derating
A
Note 2
Note 6
Ordering Information (Note 8)
Device
Packaging
Shipping
PDS1040L-13
PowerDIä5
5000/Tape & Reel
S1040L = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last two digits of year ex: 04 for 2004
WW = Week code 01 to 52
K = Factory designator
YYWWK
S1040L
0
1
2
3
4
0
3
69
12
15
I
, AVERAGE FORWARD CURRENT (A)
Fig. 6 Forward Power Dissipation
F(AV)
I
I
PK
AV
= 1 (DC)
-30
10
-10
170
150
130
110
90
70
50
30
0
10
20
30
40
V , DC REVERSE VOLTAGE (V)
Fig. 7 Operating Temperature Derating
R
Note 2
Note 7
Notes:
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
3. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.
4. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
5. Short duration test pulse used to minimize self-heating effect.
6. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 18.8mm x 14.4mm. Anode pad dimensions 5.6mm x 3.0mm.
7. Devices mounted such that RqJA @ 19°C/W.
8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information


Similar Part No. - PDS1040L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS1040L DIODES-PDS1040L Datasheet
102Kb / 5P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 11 - 2
PDS1040L-13 DIODES-PDS1040L-13 Datasheet
102Kb / 5P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 11 - 2
PDS1040L DIODES-PDS1040L_10 Datasheet
102Kb / 5P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 11 - 2
PDS1040L DIODES-PDS1040L_15 Datasheet
369Kb / 6P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
More results

Similar Description - PDS1040L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBRD1040 DIODES-MBRD1040 Datasheet
62Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30282 Rev. 3 - 2
SBM1040 DIODES-SBM1040 Datasheet
65Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30255 Rev. F-2
PDS1040L DIODES-PDS1040L_10 Datasheet
102Kb / 5P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 11 - 2
PDS1040CTL DIODES-PDS1040CTL_10 Datasheet
108Kb / 5P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 11 - 2
PDS1040L DIODES-PDS1040L_15 Datasheet
369Kb / 6P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS1040CTL DIODES-PDS1040CTL Datasheet
94Kb / 3P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER
DS30485 Rev. 8 - 2
PDS1040CTL DIODES-PDS1040CTL_15 Datasheet
445Kb / 6P
   10A DUAL LOW VF SCHOTTKY BARRIER RECTIFIER POWERDI짰5
logo
DIYI Electronic Technol...
SBT10V120CT DYELEC-SBT10V120CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L300CT DYELEC-SBP10L300CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
SBP10L40CT DYELEC-SBP10L40CT Datasheet
2Mb / 5P
   10A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com