Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1MA152WAT1 Datasheet(PDF) 2 Page - E-Tech Electronics LTD

Part # M1MA152WAT1
Description  Common Anode Silicon Dual Switching diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

M1MA152WAT1 Datasheet(HTML) 2 Page - E-Tech Electronics LTD

  M1MA152WAT1 Datasheet HTML 1Page - E-Tech Electronics LTD M1MA152WAT1 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
H3–2/2
M1MA151WAT1 M1MA152WAT1
R L
t r
t p
t
10%
90%
V R
t p = 2
µs
t r = 0.35 ns
I F
t rr
t
I rr = 0.1 I R
I F = 10 mA
V R = 6 V
R L = 100
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
DEVICE MARKING—EXAMPLE
Marking Symbol
MN X
Type No.
151WA 152WA
Symbol
M N
M O
The “X” represents a smaller alpha digit Date Code. The Date Code
indicates the actual month in which the part was manufactured.


Similar Part No. - M1MA152WAT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M1MA152WAT1 MOTOROLA-M1MA152WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA152WAT1 LRC-M1MA152WAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
M1MA152WAT1 ONSEMI-M1MA152WAT1 Datasheet
52Kb / 4P
   Common Anode Silicon Dual Switching Diodes
March, 2006 ??Rev. 9
M1MA152WAT1 ONSEMI-M1MA152WAT1 Datasheet
97Kb / 4P
   Common Anode Silicon Dual Switching Diodes
July, 2012 ??Rev. 10
M1MA152WAT1G ONSEMI-M1MA152WAT1G Datasheet
52Kb / 4P
   Common Anode Silicon Dual Switching Diodes
March, 2006 ??Rev. 9
More results

Similar Description - M1MA152WAT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
M1MAWAT1 LRC-M1MAWAT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
E-Tech Electronics LTD
M1MA151WKT1 ETL-M1MA151WKT1 Datasheet
102Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP202U ONSEMI-DAP202U Datasheet
54Kb / 6P
   Common Anode Silicon Dual Switching Diodes
April, 2004 ??Rev. 4
DAP222 ONSEMI-DAP222_05 Datasheet
59Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
logo
Leshan Radio Company
M1MA151WALT1 LRC-M1MA151WALT1 Datasheet
111Kb / 3P
   Common Anode Silicon Dual Switching diodes
M1MA151WKLT1 LRC-M1MA151WKLT1 Datasheet
102Kb / 3P
   Common Anode Silicon Dual Switching diodes
LM1MA151WAT1 LRC-LM1MA151WAT1 Datasheet
67Kb / 3P
   Common Anode Silicon Dual Switching diodes
logo
Motorola, Inc
M1MA151WAT1 MOTOROLA-M1MA151WAT1 Datasheet
85Kb / 6P
   Common Anode Silicon Dual Switching Diodes
logo
Leshan Radio Company
M1MA151WKT1 LRC-M1MA151WKT1 Datasheet
58Kb / 2P
   Common Anode Silicon Dual Switching diodes
logo
ON Semiconductor
DAP222 ONSEMI-DAP222 Datasheet
64Kb / 5P
   Common Anode Silicon Dual Switching Diodes
October, 2005 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com