Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMN400B01 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # LMN400B01
Description  400mA LOAD SWITCH FEATURING PNP TRANSISTOR AND N-MOSFET WITH GATE PULL-DOWN RESISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMN400B01 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button LMN400B01 Datasheet HTML 2Page - Diodes Incorporated LMN400B01 Datasheet HTML 3Page - Diodes Incorporated LMN400B01 Datasheet HTML 4Page - Diodes Incorporated LMN400B01 Datasheet HTML 5Page - Diodes Incorporated LMN400B01 Datasheet HTML 6Page - Diodes Incorporated LMN400B01 Datasheet HTML 7Page - Diodes Incorporated LMN400B01 Datasheet HTML 8Page - Diodes Incorporated LMN400B01 Datasheet HTML 9Page - Diodes Incorporated LMN400B01 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DS30699 Rev. 5 - 2
10 of 10
LMN400B01
A
M
J
L
D
B C
H
K
F
SOT-26
Dim
Min
Max
Typ
A
0.35
0.5
0.38
B
1.5
1.7
1.6
C
2.7
3
2.8
D
-
-
0.95
F
-
-
0.55
H
2.9
3.1
3
J
0.013
0.1
0.05
K
1
1.3
1.1
L
0.35
0.55
0.4
M
0.1
0.2
0.15
α
0
°
-
All Dimensions in mm
Mechanical Details
Suggested Pad Layout: (Based on IPC-SM-782)
Fig. 23
X
Z
Y
C
E
E
G
Figure 24
Dimensions
SOT-26*
Z
3.2
G
1.6
X
0.55
Y
0.8
C
2.4
E
0.95
* Typical dimensions in mm
Fig. 24
IMPORTANT NOTICE
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
The products located on our website at
www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the expressed written approval of Diodes Incorporated.


Similar Part No. - LMN400B01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
LMN400E01-7 DIODES-LMN400E01-7 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
LMN400E01-7 DIODES-LMN400E01-7 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
More results

Similar Description - LMN400B01

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LMN200B02 DIODES-LMN200B02 Datasheet
522Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH GATE PULL DOWN RESISTOR
DS30658 Rev. 4 - 2
LMN200B01 DIODES-LMN200B01 Datasheet
570Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET WITH PULL DOWN RESISTOR
DS30651 Rev. 7 - 2
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
logo
Richtek Technology Corp...
RT9727A RICHTEK-RT9727A Datasheet
157Kb / 9P
   N-MOSFET Load Switch Controller
logo
Fairchild Semiconductor
FDR8321L FAIRCHILD-FDR8321L Datasheet
222Kb / 8P
   P-Channel MOSFET With Gate Driver For Load Switch Application
FDR8521L FAIRCHILD-FDR8521L Datasheet
224Kb / 7P
   P-Channel MOSFET With Gate Driver For Load Switch Application
logo
Global Mixed-mode Techn...
G5938 GMT-G5938 Datasheet
33Kb / 1P
   N-MOSFET Load Switch Controller with Discharge Paths
logo
Diodes Incorporated
LBN150B01 DIODES-LBN150B01_15 Datasheet
307Kb / 7P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com