Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTU877BVXC-XX Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY2SSTU877BVXC-XX
Description  1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTU877BVXC-XX Datasheet(HTML) 8 Page - Cypress Semiconductor

  CY2SSTU877BVXC-XX Datasheet HTML 1Page - Cypress Semiconductor CY2SSTU877BVXC-XX Datasheet HTML 2Page - Cypress Semiconductor CY2SSTU877BVXC-XX Datasheet HTML 3Page - Cypress Semiconductor CY2SSTU877BVXC-XX Datasheet HTML 4Page - Cypress Semiconductor CY2SSTU877BVXC-XX Datasheet HTML 5Page - Cypress Semiconductor CY2SSTU877BVXC-XX Datasheet HTML 6Page - Cypress Semiconductor CY2SSTU877BVXC-XX Datasheet HTML 7Page - Cypress Semiconductor CY2SSTU877BVXC-XX Datasheet HTML 8Page - Cypress Semiconductor CY2SSTU877BVXC-XX Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PRELIMINARY
CY2SSTU877
Document #: 38-07575 Rev. *B
Page 8 of 9
© Cypress Semiconductor Corporation, 2005. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Package Drawing
All product and company names mentioned in this document are the trademarks of their respective holders.
A
1
A1 CORNER
0.65
Ø0.30±0.05(52X)
Ø0.25 M C A B
Ø0.05 M C
B
A
0.15(4X)
C
SEATING PLANE
A1 CORNER
TOP VIEW
BOTTOM VIEW
2
3
4
3.25
B
C
D
E
F
G
H
65
46
5
23
1
4.50±0.10
A
4.50±0.10
B
1.625
J
K
K
J
H
E
G
F
D
C
B
A
REFERENCE JEDEC MO-225
DIMENSION IN MM
51-85192-**
52 VFBGA 4.5 × 7.0 × 1.0 MM BV52A
0.60[0.024]
5.70[0.224]
5.90[0.232]
A
C
1.00[0.039] MAX.
N
SEATING
PLANE
N
2
0.18[0.007]
0.50[0.020]
1
1
0.08[0.003]
0.50[0.020]
0.05[0.002] MAX.
2
(4X)
C
0.24[0.009]
0.20[0.008] REF.
0.80[0.031] MAX.
PIN1 ID
0°-12°
4.45[0.175]
6.10[0.240]
5.80[0.228]
4.55[0.179]
0.45[0.018]
0.20[0.008] R.
DIA.
0.28[0.011]
0.30[0.012]
0.60[0.024]
TOP VIEW
BOTTOM VIEW
SIDE VIEW
E-PAD
(PAD SIZE VARY
BY DEVICE TYPE)
40-lead QFN 6 x 6 MM LF40A
51-85190-**


Similar Part No. - CY2SSTU877BVXC-XX

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTU877BVXC-32 SPECTRALINEAR-CY2SSTU877BVXC-32 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877BVXC-32 CYPRESS-CY2SSTU877BVXC-32 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-32T SPECTRALINEAR-CY2SSTU877BVXC-32T Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877BVXC-32T CYPRESS-CY2SSTU877BVXC-32T Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-43 SPECTRALINEAR-CY2SSTU877BVXC-43 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
More results

Similar Description - CY2SSTU877BVXC-XX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877_06 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY23020-3 CYPRESS-CY23020-3 Datasheet
112Kb / 9P
   10-output, 400-MHz LVPECL Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com