Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2SSTU877LFXC-XX Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2SSTU877LFXC-XX
Description  1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2SSTU877LFXC-XX Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2SSTU877LFXC-XX Datasheet HTML 1Page - Cypress Semiconductor CY2SSTU877LFXC-XX Datasheet HTML 2Page - Cypress Semiconductor CY2SSTU877LFXC-XX Datasheet HTML 3Page - Cypress Semiconductor CY2SSTU877LFXC-XX Datasheet HTML 4Page - Cypress Semiconductor CY2SSTU877LFXC-XX Datasheet HTML 5Page - Cypress Semiconductor CY2SSTU877LFXC-XX Datasheet HTML 6Page - Cypress Semiconductor CY2SSTU877LFXC-XX Datasheet HTML 7Page - Cypress Semiconductor CY2SSTU877LFXC-XX Datasheet HTML 8Page - Cypress Semiconductor CY2SSTU877LFXC-XX Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
1.8V, 500-MHz, 10-Output JEDEC-Compliant
Zero Delay Buffer
CY2SSTU877
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07575 Rev. *B
Revised January 19, 2005
Features
• Operating frequency: 125 MHz to 500 MHz
• Supports DDRII SDRAM
• Ten differential outputs from one differential input
• Spread-Spectrum-compatible
• Low jitter (cycle-to-cycle): < 40 ps
• Very low skew: < 40 ps
• Power management control input
• 1.8V operation
• Fully JEDEC-compliant
• 52-ball BGA and a 40-pin MLF (QFN)
Functional Description
The CY2SSTU877 is a high-performance, low-skew, low-jitter
zero delay buffer designed to distribute differential clocks in
high-speed applications. The CY2SSTU877 generates ten
differential pair clock outputs from one differential pair clock
input. In addition, the CY2SSTU877 features differential
feedback clock outputs and inputs. This allows the
CY2SSTU877 to be used as a zero delay buffer. When used
as a zero delay buffer in nested clock trees, the CY2SSTU877
locks onto the input reference and translates with near zero
delay to low-skew outputs.
This phase-locked loop (PLL) clock buffer is designed for a
VDD of 1.8V, an AVDD of 1.8V and differential data input and
output levels. Package options include a plastic 52-ball
VFBGA and a 40-pin MLF (QFN). The device is a zero delay
buffer that distributes a differential clock input pair (CK, CK#)
to ten differential pair of clock outputs (Y[0:9], Y#[0:9]) and one
differential pair feedback clock outputs (FBOUT, FBOUT#).
The input clocks (CK, CK#), the feedback clocks (FBIN,
FBIN#), the LVCMOS (OE, OS), and the analog power input
(AVDD) control the clock outputs.
The PLL in the CY2SSTU877 clock driver uses the input
clocks (CK, CK#) and the feedback clocks (FBIN, FBIN#) to
provide high-performance, low-skew, low-jitter output differ-
ential clocks (Y[0:9], Y#[0:9]). The CY2SSTU877 is also able
to track Spread Spectrum Clocking (SSC) for reduced EMI.
When AVDD is grounded, the PLL is turned off and bypassed
for test purposes. When both clock signals (CK, CK#) are logic
low, the device will enter a low-power mode. An input logic
detection circuit on the differential inputs, independent from
the input buffers, will detect the logic low level and perform a
low-power state where all outputs, the feedback, and the PLL
are OFF. When the inputs transition from both being logic low
to being differential signals, the PLL will be turned back on, the
inputs and outputs will be enabled and the PLL will obtain
phase lock between the feedback clock pair (FBIN, FBIN#)
and the input clock pair (CK, CK#) within the specified stabili-
zation time tL.
Block Diagram
Pin Configuration
19
18
17
16
15
14
13
12
11
20
40 Q FN
CY2S STU877
30
29
28
27
26
25
24
23
22
21
Y7#
VDDQ
Y7
FB IN
FB IN #
FB O U T#
FB O U T
VDDQ
OE
OS
1
2
3
4
5
6
7
8
9
10
VD DQ
Y2
Y2#
CLK
CLK#
VD DQ
AG N D
AVDD
VD DQ
GN D
32
33
34
35
36
37
38
39
40
31
1
23456
A
Y1
Y0
Y0#
Y5#
Y5
Y6
B
Y1#
GND
GND
GND
GND
Y6#
C
Y2#
GND
NB
NB
GND
Y7#
D
Y2
VDDQ
VDDQ
VDDQ
OS
Y7
E
CK
VDDQ
NB
NB
VDDQ
FBIN
F
CK#
VDDQ
NB
NB
OE
FBIN#
G
AGND
VDDQ
VDDQ
VDDQ
VDDQ
FBOUT#
H
AVDD
GND
NB
NB
GND
FBOUT
J
Y3
GND
GND
GND
GND
Y8
K
Y3#
Y4#
Y4
Y9
Y5#
Y8#
52 BGA


Similar Part No. - CY2SSTU877LFXC-XX

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-32 SPECTRALINEAR-CY2SSTU877BVXC-32 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY2SSTU877BVXC-32 CYPRESS-CY2SSTU877BVXC-32 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877BVXC-32T SPECTRALINEAR-CY2SSTU877BVXC-32T Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
More results

Similar Description - CY2SSTU877LFXC-XX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2SSTU877 CYPRESS-CY2SSTU877_06 Datasheet
196Kb / 9P
   1.8V, 500-MHz, 10-Output JEDEC-Compliant Zero Delay Buffer
logo
SpectraLinear Inc
CY2SSTU877 SPECTRALINEAR-CY2SSTU877 Datasheet
135Kb / 8P
   1.8V, 500MHz 10-Output JEDEC-Compliant Zero Delay Buffer
logo
Cypress Semiconductor
CY23020-3 CYPRESS-CY23020-3 Datasheet
112Kb / 9P
   10-output, 400-MHz LVPECL Zero Delay Buffer
CY23FS08-04 CYPRESS-CY23FS08-04 Datasheet
315Kb / 11P
   FailSafe??1.8V Zero Delay Buffer
CY23020-1 CYPRESS-CY23020-1 Datasheet
121Kb / 10P
   20-output, 200-MHz Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
Z9973 CYPRESS-Z9973 Datasheet
97Kb / 9P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
Z9974 CYPRESS-Z9974 Datasheet
93Kb / 7P
   3.3V, 125-MHz, Multi-Output Zero Delay Buffer
CY29653 CYPRESS-CY29653 Datasheet
197Kb / 7P
   3.3V 125-MHz 8-Output Zero Delay Buffer
CY29972 CYPRESS-CY29972_05 Datasheet
85Kb / 8P
   3.3V, 125-MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com