Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-K1AK018W-LA Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # FTR-K1AK018W-LA
Description  1 POLE - 16A LOW PROFILE TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-K1AK018W-LA Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  FTR-K1AK018W-LA Datasheet HTML 1Page - Fujitsu Component Limited. FTR-K1AK018W-LA Datasheet HTML 2Page - Fujitsu Component Limited. FTR-K1AK018W-LA Datasheet HTML 3Page - Fujitsu Component Limited. FTR-K1AK018W-LA Datasheet HTML 4Page - Fujitsu Component Limited. FTR-K1AK018W-LA Datasheet HTML 5Page - Fujitsu Component Limited. FTR-K1AK018W-LA Datasheet HTML 6Page - Fujitsu Component Limited. FTR-K1AK018W-LA Datasheet HTML 7Page - Fujitsu Component Limited. FTR-K1AK018W-LA Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
FTR-K1 SERIES
n
PART NUMBERS
OrderingPartNumber
Series
Contact
CoilPower
Coil
Voltage
ContactMaterial
FTR-KAK005T
FTR-K
A:formA
K:400mW
5
T:AgSnO2
FTR-KAK006T
6
FTR-KAK009T
9
FTR-KAK02T
2
FTR-KAK08T
8
FTR-KAK022T
22
FTR-KAK024T
24
FTR-KAK028T
28
FTR-KAK048T
K:430mW
48
FTR-KCK005W
C:formC
K:400mW
5
W:AgSnO2
FTR-KCK006W
6
FTR-KCK009W
9
FTR-KCK02W
2
FTR-KCK08W
8
FTR-KCK022W
22
FTR-KCK024W
24
FTR-KCK028W
28
FTR-KCK048W
K:430mW
48
400mWtype
n
COIL DATA CHART
Coil
Voltage
Nominal
Voltage
(VDC)
Max. Coil
Voltage*
Coil
Resistance
(±0%)
MustOperate
Voltage*2
Must
ReleaseVoltage*2
NominalPower
(mW)
005
5
12.2 VDC
62 Ω
3.5 VDC
0.5 VDC
400
006
6
14.7 VDC
90 Ω
4.2 VDC
0.6 VDC
009
9
22.0 VDC
202 Ω
6.3 VDC
0.9 VDC
02
2
29.4 VDC
360 Ω
8.4 VDC
1.2 VDC
08
8
44.1 VDC
810 Ω
12.6 VDC
1.8 VDC
022
22
53.9 VDC
1,210 Ω
15.4 VDC
2.2 VDC
024
24
58.8 VDC
1,440 Ω
16.8 VDC
2.4 VDC
028
28
68.6 VDC
1,960 Ω
19.6 VDC
2.8 VDC
048
48
117.6 VDC
5,360 Ω
33.6 VDC
4.8 VDC
430
Note: All values in the table are measured at 20°C.
*:Nocontactcurrentat20°C
*2: Specified values are subject to pulse wave voltage


Similar Part No. - FTR-K1AK018W-LA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-K1AK018W-HT FUJITSU-FTR-K1AK018W-HT Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
More results

Similar Description - FTR-K1AK018W-LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX115-F ETC1-JQX115-F Datasheet
88Kb / 2P
   16A 1 POLE PC BOARD TYPE
logo
Fujitsu Component Limit...
FTR-K1KW FUJITSU-FTR-K1KW Datasheet
939Kb / 8P
   POWER RELAY 1 POLE - 16A Sealed Type
FTR-K1-L FUJITSU-FTR-K1-L Datasheet
418Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 80A type
FTR-K2 FUJITSU-FTR-K2 Datasheet
556Kb / 8P
   POWER RELAY 1 POLE-16A (CADMIUM FREE CONTACTS TYPE)
logo
Panasonic Battery Group
ADJ PANASONICBATTERY-ADJ Datasheet
142Kb / 9P
   1-pole/2-pole 16A polarized power relays
logo
Fujitsu Component Limit...
FTR-K1-105C FUJITSU-FTR-K1-105C Datasheet
623Kb / 8P
   POWER RELAY 1 POLE - 16A 105C
FTR-H1 FUJITSU-FTR-H1 Datasheet
688Kb / 8P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-H1 FUJITSU-FTR-H1_09 Datasheet
620Kb / 9P
   POWER RELAY 1 POLE-10 A LOW PROFILE TYPE
FTR-K1-16A FUJITSU-FTR-K1-16A Datasheet
621Kb / 8P
   POWER RELAY 1 POLE - 16A Silver Nickel Contact
FTR-K1-KS FUJITSU-FTR-K1-KS Datasheet
396Kb / 6P
   POWER RELAY 1 POLE - 16A / Inrush 120A relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com