Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1086K15LA Datasheet(PDF) 9 Page - Anachip Corp

Part # AP1086K15LA
Description  1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1086K15LA Datasheet(HTML) 9 Page - Anachip Corp

  AP1086K15LA Datasheet HTML 1Page - Anachip Corp AP1086K15LA Datasheet HTML 2Page - Anachip Corp AP1086K15LA Datasheet HTML 3Page - Anachip Corp AP1086K15LA Datasheet HTML 4Page - Anachip Corp AP1086K15LA Datasheet HTML 5Page - Anachip Corp AP1086K15LA Datasheet HTML 6Page - Anachip Corp AP1086K15LA Datasheet HTML 7Page - Anachip Corp AP1086K15LA Datasheet HTML 8Page - Anachip Corp AP1086K15LA Datasheet HTML 9Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AP1086
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Jun. 8, 2005
9/9
(3) TO220-3L
A
J1
F
C
E
b
e
e1
b1
ΦP
H1
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
3.55
4.20
4.85
0.140
0.165
0.191
b1
1.14
1.46
1.78
0.045
0.057
0.070
b
0.51
0.83
1.14
0.020
0.033
0.045
C
0.31
0.72
1.14
0.012
0.028
0.045
D
14.20
15.35
16.50
0.559
0.604
0.650
E
9.70
10.20
10.70
0.382
0.402
0.421
e
2.29
2.54
2.79
0.090
0.100
0.110
e1
4.83
5.08
5.33
0.190
0.200
0.210
F
0.51
0.95
1.40
0.020
0.037
0.055
H1
5.84
6.35
6.86
0.230
0.250
0.270
J1
2.03
2.48
2.92
0.080
0.098
0.115
L
12.72
13.72
14.72
0.501
0.540
0.580
L1
3.66
5.00
6.35
0.144
0.197
0.250
øP
3.53
3.81
4.09
0.139
0.150
0.161
Q
2.54
2.98
3.43
0.100
0.117
0.135


Similar Part No. - AP1086K15LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086K15L-13 DIODES-AP1086K15L-13 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086K15L-13 DIODES-AP1086K15L-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086K15L-U DIODES-AP1086K15L-U Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
AP1086K15L-U DIODES-AP1086K15L-U Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1086K15LA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1086 DIODES-AP1086 Datasheet
168Kb / 8P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1086 Rev. 2
logo
GTM CORPORATION
GE1086 GTM-GE1086 Datasheet
265Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1086 GTM-GJ1086 Datasheet
270Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 GTM-GU1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1086 A-POWER-APE1086 Datasheet
279Kb / 6P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1086 GTM-G3U1086 Datasheet
302Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1086D33G-13 DIODES-AP1086D33G-13 Datasheet
205Kb / 10P
   1.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GE1086 ETL-GE1086 Datasheet
268Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1086 ETL-GU1086 Datasheet
304Kb / 4P
   1.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com