Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFLT5V0A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DFLT5V0A
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLT5V0A Datasheet(HTML) 1 Page - Diodes Incorporated

  DFLT5V0A Datasheet HTML 1Page - Diodes Incorporated DFLT5V0A Datasheet HTML 2Page - Diodes Incorporated DFLT5V0A Datasheet HTML 3Page - Diodes Incorporated DFLT5V0A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
e3
DS30581 Rev. 3 - 2
1 of 4
DFLT5V0A - DFLT51A
PowerDI is a trademark of Diodes Incorporated.
www.diodes.com
ã Diodes Incorporated
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation (Note 1) 10/1000
ms
(Note 2) 8/20
ms
PPK
225
1125
W
Peak Forward Surge Current, 8.3ms Single Half Sine Wave
IFSM
50
A
Instantaneous Forward Voltage
@ IPP = 12A
(Note 5)
VF
3.5
V
Operating Temperature Range
Tj
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +150
°C
·
225W Peak Pulse Power Dissipation (10
ms x 1000ms
waveform)
·
5.0V - 51V Standoff Voltages
·
Excellent Clamping Capability
·
Lead Free Finish, RoHS Compliant (Note 6)
·
"Green" Molding Compound (No Br, Sb)
·
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Notes:
1. Non-Repetitive current pulse as shown in figure 3 and derated above TA = 25
°C as per figure 1.
2. Non-Repetitive current pulse as shown in figure 5 and derated above TA = 25
°C as per figure 1.
3. Device mounted on 1"x1", FR-4 PCB; 2 oz. Cu pad layout as shown on Diodes Inc. suggested pad layout document AP02001.pdf.
4. Theoretical RqJS calculated from the top center of the die straight down to the PCB/cathode tab solder junction.
5. 1/2 sine wave (or equivalent square wave), pulse width = 8.3ms, duty cycle = 4 pulses/minute maximum.
6. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see
EU Directive Annex Notes 5 and 7.
B
A
A
C
E
L4
L
L1
E
H
D
L3
L2
DFLT5V0A - DFLT51A
225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PowerDI ä
123
Features
·
Case: PowerDIä123
·
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating
94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Band
·
Terminals: Finish
¾ Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202,
Method 208
·
Marking & Type Code Information: See Last Page
·
Ordering Information: See Last Page
·
Weight: 0.01 grams (approximate)
Characteristic
Symbol
Value
Unit
DC Steady-State Power Dissipation (Note 3)
PD
1.0
W
Thermal Resistance, Junction to Ambient (Note 3)
RqJA
125
°C/W
Thermal Resistance, Junction to Soldering Point (Note 4)
RqJS
6
°C/W
Thermal Characteristics @ TA = 25°C unless otherwise specified
PowerDIä123
Dim
Min
Max
Typ
A
3.50
3.90
3.70
B
2.60
3.00
2.80
C
1.63
1.93
1.78
D
0.93
1.00
0.98
E
0.85
1.25
1.00
H
0.15
0.25
0.20
L
0.45
0.85
0.65
L1
1.35
L2
1.10
L3
0.20
L4
0.90
1.30
1.05
All Dimensions in mm


Similar Part No. - DFLT5V0A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLT5V0A DIODES-DFLT5V0A Datasheet
103Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
DFLT5V0A SUNMATE-DFLT5V0A Datasheet
388Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DFLT5V0A SUNMATE-DFLT5V0A Datasheet
614Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Diodes Incorporated
DFLT5V0A DIODES-DFLT5V0A Datasheet
212Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
DFLT5V0AQ DIODES-DFLT5V0AQ Datasheet
192Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PowerDI
More results

Similar Description - DFLT5V0A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPD13AWF DIODES-DPD13AWF Datasheet
432Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
D5V0AP2WF DIODES-D5V0AP2WF Datasheet
339Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D3V3AP2WF DIODES-D3V3AP2WF Datasheet
335Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
DFLT5V0A DIODES-DFLT5V0A_09 Datasheet
103Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
D13AP2WF DIODES-D13AP2WF Datasheet
290Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
April 2019 Rev. 2 - 2
D18AP2WF DIODES-D18AP2WF Datasheet
383Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
July 2021 Rev. 1 - 2
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com