Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL22CV10ASI-10L Datasheet(PDF) 7 Page - Anachip Corp

Part # PEEL22CV10ASI-10L
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL22CV10ASI-10L Datasheet(HTML) 7 Page - Anachip Corp

Back Button PEEL22CV10ASI-10L Datasheet HTML 2Page - Anachip Corp PEEL22CV10ASI-10L Datasheet HTML 3Page - Anachip Corp PEEL22CV10ASI-10L Datasheet HTML 4Page - Anachip Corp PEEL22CV10ASI-10L Datasheet HTML 5Page - Anachip Corp PEEL22CV10ASI-10L Datasheet HTML 6Page - Anachip Corp PEEL22CV10ASI-10L Datasheet HTML 7Page - Anachip Corp PEEL22CV10ASI-10L Datasheet HTML 8Page - Anachip Corp PEEL22CV10ASI-10L Datasheet HTML 9Page - Anachip Corp PEEL22CV10ASI-10L Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
7/10
Table 6. Absolute Maximum Ratings
This device has been designed and tested for the recommended
operating conditions. Improper operation outside of these levels is not
guaranteed. Exposure to absolute maximum ratings may cause per-
manent damage.
Symbol
Parameter
Conditions
Ratings
Unit
VCC
Supply Voltage
Relative to Ground
-0.5 to +7.0
V
VI, VO
Voltage Applied to Any Pin
2
Relative to Ground
1
-0.5 to VCC+0.6
V
IO
Output Current
Per pin (IOL, IOH)
±25
mA
TST
Storage Temperature
-65 to +150
oC
TLT
Lead Temperature
Soldering 10 second
+300
oC
Table 7. Operating Ranges
Symbol
Parameter
Conditions
Min
Max
Unit
Commercial
4.75
5.25
VCC
Supply Voltage
Industrial
4.5
5.5
V
Commercial
0
+70
TA
Ambient Temperature
Industrial
-40
+85
oC
TR
Clock Rise Time
See Note 3
20
ns
TF
Clock Fall Time
See Note 3
20
ns
TRVCC
VCC Rise Time
See Note 3
250
ms
Table 8. D.C. Electrical Characteristics over the recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
VCC=Min, IOH=-4.0mA
2.4
V
VOHC
Output HIGH Voltage-CMOS
13
VCC=Min, IOH=-10µA
VCC-0.3
V
VOL
Output LOW Voltage-TTL
VCC=Min, IOL=-16mA
0.5
V
VOLC
Output LOW Voltage-CMOS
13
VCC=Min, IOH=-10µA
0.15
V
VIH
Input HIGH Level
2.0
VCC+0.3
V
VIL
Input LOW Level
-0.3
0.8
V
IIL
Input Leakage Current
VCC=Max, VIN=GND δ VIN ₤ VCC
±10
µA
IOZ
Output Leakage Current
I/O=High-Z, GND δ VO δ VCC
±10
µA
-7/I-7
140/155
10/I-10
135/145
-15/I-15
135/145
ICC
10
VCC Current
(See CR-1 for typical ICC)
VIN=0V or 3V
f=25MHz
All outputs diabled
4
-25/I-25
67/75
mA
CIN
7
Input Capacitance
6
pF
COUT
7
Output Capacitance
TA=25
oC, VCC=5.0V
@f=1MHz
12
pF


Similar Part No. - PEEL22CV10ASI-10L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL22CV10ASI-10L ANACHIP-PEEL22CV10ASI-10L Datasheet
338Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL22CV10ASI-10L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com