Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD953 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics

Part # MD953
Description  Ultra High Sensitivity Gateable Channel Photomultiplier DC-Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

MD953 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics

  MD953 Datasheet HTML 1Page - PerkinElmer Optoelectronics MD953 Datasheet HTML 2Page - PerkinElmer Optoelectronics MD953 Datasheet HTML 3Page - PerkinElmer Optoelectronics MD953 Datasheet HTML 4Page - PerkinElmer Optoelectronics MD953 Datasheet HTML 5Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.per kinelmer.com/opto
.
Description
The Channel Photomultiplier DC-
Module series is designed for all low
light applications e.g. in industries,
life science or medical analysis, in
high energy physics or pure research.
It is an easy to use module, containing
the Channel Photomultiplier,
a high voltage power supply, an
amplifier with I/U conversion
and an active quenching circuit for
high light protection. It is also
possible to apply an external gate
function. Strong variations in light
levels are possible due to the high
dynamic range of the installed CPM.
The exceptional low noise and high
sensitivity facilitates detection of
extremely low light levels.
Features
· High dynamic range
· No cooling required
· Very high stability in noise level
· Adjustable gain
· Active quenching
· Circuit for high light protection
· Gateable CPM input (only Bialkali types)
· Optical fiber read-out possible
· 5 volts operating voltage
· Monitor voltage output
MD Series CPM Modules
Ultra High Sensitivity Gateable Channel
Photomultiplier DC-Modules
Lighting
Imaging
Telecom
Sensors
Channel Photomultipliers and Modules


Similar Part No. - MD953

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MD900XRU MPD-MD900XRU Datasheet
895Kb / 4P
   4:1 Input, 9W SIP, Single & Dual Output DC/DC Con vert ers
logo
Voltage Multipliers Inc...
MD90FF18 VMI-MD90FF18 Datasheet
488Kb / 1P
   DO-215 Style Rectifiers - 1,800V
MD90FF18J VMI-MD90FF18J Datasheet
482Kb / 1P
   DO-214 Style Rectifiers - 1,800V
MD90FF25 VMI-MD90FF25 Datasheet
127Kb / 1P
   Spice Model
MD90FF25J VMI-MD90FF25J Datasheet
480Kb / 1P
   DO-214 Style Rectifiers - 2,500V
More results

Similar Description - MD953

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP900 PERKINELMER-MP900 Datasheet
53Kb / 3P
   Ultra High Sensitivity Gateable Photon Counting Module
MH900 PERKINELMER-MH900 Datasheet
562Kb / 5P
   Ultra High Sensitivity Channel Photomultiplier Head Including High Voltage Power Supply
logo
Hamamatsu Corporation
R7518 HAMAMATSU-R7518 Datasheet
196Kb / 4P
   PHOTOMULTIPLIER TUBES High Sensitivity with Low Noise Photocathode
R9110 HAMAMATSU-R9110 Datasheet
177Kb / 4P
   PHOTOMULTIPLIER TUBE High Sensitivity and Lower Dark Current
logo
List of Unclassifed Man...
GPS-18X19 ETC2-GPS-18X19 Datasheet
407Kb / 11P
   GPS Ultra High Sensitivity Module
logo
Hamamatsu Corporation
C7169 HAMAMATSU-C7169_15 Datasheet
215Kb / 2P
   POWER SUPPLIES FOR PHOTOMULTIPLIER TUBE MODULES
logo
MultiDimension Technolo...
TMR2922 MULTIDIMENSION-TMR2922 Datasheet
469Kb / 4P
   Ultra High Sensitivity TMR linear sensor
V1.0a
logo
OmniVision Technologies...
OV7740 OMNIVISION-OV7740 Datasheet
161Kb / 2P
   ultra-high sensitivity CMOS image sensor
OV07740-A32A OMNIVISION-OV07740-A32A Datasheet
161Kb / 2P
   ultra-high sensitivity CMOS image sensor
logo
MultiDimension Technolo...
TMR2901 MULTIDIMENSION-TMR2901 Datasheet
507Kb / 5P
   Ultra High Sensitivity TMR linear sensor
V1.0a
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com