Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F387 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90F387
Description  16-bit Proprietary Microcontroller
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F387 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90F387 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F387 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
DS07-13717-3E
FUJITSU SEMICONDUCTOR
DATA SHEET
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90385 Series
MB90387/387S/F387/F387S/MB90V495G
s DESCRIPTION
MB90385 series devices are general-purpose high-performance 16-bit micro controllers designed for process
control of consumer products, which require high-speed real-time processing. The devices of this series have the
built-in full-CAN interface.
The system, inheriting the architecture of F2MC* family, employs additional instruction ready for high-level lan-
guages, expanded addressing mode, enhanced multiply-divide instructions, and enriched bit-processing instruc-
tions. Furthermore, employment of 32-bit accumulator achieves processing of long-word data (32 bits).
The peripheral resources of MB90385 series include the following:
8/10-bit A/D converter, UART (SCI), 8/16-bit PPG timer, 16-bit input-output timer (16-bit free-run timer, input
capture 0, 1, 2, 3 (ICU)), and CAN controller.
*: “F2MC”, an abbreviation for FUJITSU Flexible Microcontroller, is a registered trademark of FUJITSU Ltd.
s FEATURES
•••• Clock
• Built-in PLL clock frequency multiplication circuit
• Selection of machine clocks (PLL clocks) is allowed among frequency division by two on oscillation clock, and
multiplication of 1 to 4 times of oscillation clock (for 4-MHz oscillation clock, 4 MHz to 16 MHz).
• Operation by sub-clock (8.192 kHz) is allowed.
• Minimum execution time of instruction: 62.5 ns (when operating with 4-MHz oscillation clock, and 4-time multi-
plied PLL clock).
(Continued)
s PACKAGE
48-pin plastic-LQFP
(FPT-48P-M26)


Similar Part No. - MB90F387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F387 FUJITSU-MB90F387 Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90F387 FUJITSU-MB90F387 Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
MB90F387PMT FUJITSU-MB90F387PMT Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90F387PMT FUJITSU-MB90F387PMT Datasheet
2Mb / 84P
   16-bit Proprietary Microcontrollers CMOS
logo
Cypress Semiconductor
MB90F387PMT CYPRESS-MB90F387PMT Datasheet
1Mb / 82P
   16-bit Microcontrollers F2MC-16LX
More results

Similar Description - MB90F387

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com