Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6143BASA33 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6143BASA33
Description  High-Precision Voltage Reference with Temperature Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6143BASA33 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6143BASA33 Datasheet HTML 1Page - Maxim Integrated Products MAX6143BASA33 Datasheet HTML 2Page - Maxim Integrated Products MAX6143BASA33 Datasheet HTML 3Page - Maxim Integrated Products MAX6143BASA33 Datasheet HTML 4Page - Maxim Integrated Products MAX6143BASA33 Datasheet HTML 5Page - Maxim Integrated Products MAX6143BASA33 Datasheet HTML 6Page - Maxim Integrated Products MAX6143BASA33 Datasheet HTML 7Page - Maxim Integrated Products MAX6143BASA33 Datasheet HTML 8Page - Maxim Integrated Products MAX6143BASA33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX6143 is a low-noise, high-precision voltage ref-
erence. The device features a proprietary temperature-
coefficient
curvature-correction
circuit
and
laser-trimmed thin-film resistors that result in a very low
3ppm/°C temperature coefficient and excellent ±0.06%
initial accuracy. The MAX6143 provides a TEMP output
where the output voltage is proportional to die tempera-
ture, making the device suitable for a wide variety of
temperature-sensing applications. The device also pro-
vides a TRIM input, allowing fine trimming of the output
voltage with a resistive-divider network. Low tempera-
ture drift and low noise make the MAX6143 ideal for use
with high-resolution A/D or D/A converters.
The MAX6143 provides accurate preset +2.5V, +3.3V,
+4.096V, +5.0V, and +10V reference voltages and
accepts input voltages up to +40V. The device draws
340µA of supply current and sources 30mA or sinks 2mA
of load current. The active-low shutdown feature (SHDN)
reduces supply current to 0.01µA. The MAX6143 uses
bandgap technology for low-noise performance and
excellent accuracy. The MAX6143 does not require an
output bypass capacitor for stability, and is stable with
capacitive loads up to 100µF. Eliminating the output
bypass capacitor saves valuable board area in space-
critical applications.
The MAX6143 is available in an 8-pin SO package and
operates over the automotive (-40°C to +125°C) tem-
perature range.
Applications
A/D Converters
Voltage Regulators
D/A Converters
Threshold Detectors
Digital Voltmeters
Features
♦ Wide (VOUT + 2V) to +40V Supply Voltage Range
♦ Excellent Temperature Stability: 3ppm/°C (max)
♦ Tight Initial Accuracy: 0.05% (max)
♦ Low Noise: 3.8µVP-P (typ at 2.5V Output)
♦ Sources up to 30mA Output Current
♦ Low Supply Current: 450µA (max at +25°C)
♦ Low 0.01µA Shutdown Current
♦ Linear Temperature Transducer Voltage Output
♦ +2.5V, +3.3V, +4.096V, +5.0V, or +10V Output
Voltages
♦ Wide Operating Temperature Range: -40°C to
+125°C
♦ No External Capacitors Required for Stability
High-Precision Voltage Reference with
Temperature Sensor
________________________________________________________________ Maxim Integrated Products
1
19-3168; Rev 1; 4/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Pin Configuration appears at end of data sheet.
Ordering Information/Selector Guide
PART
TEMP RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE (V)
TEMPERATURE COEFFICIENT
(ppm/
°C) 40°C TO +125°C
INITIAL
ACCURACY (%)
MAX6143AASA25
-40
°C to +125°C
8 SO
2.500
3
0.06
MAX6143BASA25
-40
°C to +125°C
8 SO
2.500
10
0.10
MAX6143AASA33
-40
°C to +125°C
8 SO
3.300
3
0.06
MAX6143BASA33
-40
°C to +125°C
8 SO
3.300
10
0.10
MAX6143AASA41
-40
°C to +125°C
8 SO
4.096
3
0.06
MAX6143BASA41
-40
°C to +125°C
8 SO
4.096
10
0.10
MAX6143AASA50
-40
°C to +125°C
8 SO
5.000
3
0.06
MAX6143BASA50
-40
°C to +125°C
8 SO
5.000
10
0.10
MAX6143AASA10
-40
°C to +125°C
8 SO
10.000
3
0.05
MAX6143BASA10
-40
°C to +125°C
8 SO
10.000
10
0.10
IN
OUT
GND
*OPTIONAL.
*
*
*
( VOUT + 2V) TO 40V INPUT
REFERENCE
OUTPUT
SHDN
TRIM
TEMP
MAX6143
Typical Operating Circuit


Similar Part No. - MAX6143BASA33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143BASA33 MAXIM-MAX6143BASA33 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
More results

Similar Description - MAX6143BASA33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
   High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
MAX6173 MAXIM-MAX6173_V01 Datasheet
3Mb / 20P
   High-Precision Voltage References with Temperature Sensor
2019
MAX6173 MAXIM-MAX6173 Datasheet
419Kb / 15P
   High-Precision Voltage References with Temperature Sensor
Rev 0; 5/04
logo
RHOPOINT COMPONENTS
VRE120C RHOPOINT-VRE120C Datasheet
337Kb / 5P
   Precision High Temperature Reference Supplies
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
   Precision High Temperature Reference Supplies
logo
Analog Devices
REF-02 AD-REF-02 Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
logo
Texas Instruments
REF6225 TI1-REF6225 Datasheet
1Mb / 35P
[Old version datasheet]   High-Precision Voltage Reference
logo
Analog Technologies, In...
ATREF500 ANALOGTECHNOLOGIES-ATREF500 Datasheet
155Kb / 3P
   High Precision Voltage Reference
6/12/2021
logo
Analog Devices
AD588 AD-AD588 Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com