Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ3210-EMX Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAXQ3210-EMX
Description  Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3210-EMX Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAXQ3210-EMX Datasheet HTML 7Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 8Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 9Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 10Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 11Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 12Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 13Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 14Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
In-Application Programming:
The in-application programming feature allows the
microcontroller to modify its own program memory from
its application software. This allows on-the-fly software
updates in mission-critical applications that cannot
afford downtime. Alternatively, it allows the application
to develop custom loader software that can operate
under the control of the application software. The utility
ROM contains user-accessible programming functions
that erase and program memory. These functions are
described in detail in the user’s guide for this device.
Register Set
Most functions of the device are controlled by sets of
registers. These registers provide a working space for
memory operations as well as configuring and address-
ing peripheral registers on the device. Registers are
divided into two major types: system registers and
peripheral registers. The common register set, also
known as the system registers, includes the ALU, accu-
mulator registers, data pointers, interrupt vectors and
control, and stack pointer. The peripheral registers
define additional functionality that may be included by
different products based on the MAXQ architecture.
This functionality is broken up into discrete modules so
that only the features required for a given product need
to be included. The following tables show the
MAXQ3210 register set. Note that the accumulators are
8 bits wide for this device.
Microcontroller with Internal Voltage Regulator,
Piezoelectric Horn Driver, and Comparator
____________________________________________________________________
11
Table 1. System Register Map
Note: Names that appear in italics indicate that all bits of a register are read-only. Names that appear in bold indicate that a register
is 16 bits wide. Registers in module AP are bit addressable.
MODULE NAME (BASE SPECIFIER)
REGISTER
INDEX
AP (8h)
A (9h)
PFX (Bh)
IP (Ch)
SP (Dh)
DPC (Eh)
DP (Fh)
0xh
AP
A[0]
PFX[0]
IP
——
1xh
APC
A[1]
PFX[1]
SP
——
2xh
A[2]
PFX[2]
IV
——
3xh
A[3]
PFX[3]
Offs
DP0
4xh
PSF
A[4]
PFX[4]
——
DPC
5xh
IC
A[5]
PFX[5]
——
GR
6xh
IMR
A[6]
PFX[6]
LC0
GRL
7xh
A[7]
PFX[7]
LC1
BP
DP1
8xh
SC
A[8]
GRS
9xh
A[9]
GRH
Axh
A[10]
GRXL
Bxh
IIR
A[11]
BP[offs]
Cxh
A[12]
Dxh
A[13]
Exh
CKCN
A[14]
Fxh
WDCN
A[15]


Similar Part No. - MAXQ3210-EMX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3212 MAXIM-MAXQ3212 Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
MAXQ3212-EJX MAXIM-MAXQ3212-EJX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAXQ3212-EJX MAXIM-MAXQ3212-EJX Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
More results

Similar Description - MAXQ3210-EMX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C119 MICROCHIP-RE46C119 Datasheet
176Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C107 MICROCHIP-RE46C107 Datasheet
214Kb / 7P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver and LED Driver Circuit
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
   Piezoelectric Horn Driver and LED Driver Circuit
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com