Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ3210-EMX Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXQ3210-EMX
Description  Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3210-EMX Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXQ3210-EMX Datasheet HTML 6Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 7Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 8Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 9Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 10Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 11Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 12Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 13Page - Maxim Integrated Products MAXQ3210-EMX Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Stack Memory
A 16-bit-wide internal stack provides storage for pro-
gram return addresses and general-purpose use. The
stack is used automatically by the processor when the
CALL, RET, and RETI instructions are executed and
interrupts serviced. The PUSH, POP, and POPI instruc-
tions can also be used explicitly to store and retrieve
data to/from the stack. For the MAXQ3210, the stack is
four levels deep.
On reset, the stack pointer, SP, initializes to the top of
the stack (03h). The CALL, PUSH, and interrupt-vector-
ing operations increment SP, then store a value at the
stack location pointed to by SP. The RET, RETI, POP,
and POPI operations retrieve the value at the stack
location pointed to by SP, and then decrement SP.
Utility ROM
The utility ROM is a block of internal memory that starts
at address 8000h. The utility ROM consists of subrou-
tines that can be called from application software.
These include:
• In-system programming (bootloader) over JTAG
interface
• In-circuit debug routines
• Test routines (internal memory tests, memory loader,
etc.)
• User-callable routines for in-application EEPROM
programming and fast table lookup
Routines within the utility ROM are user-accessible and
can be called as subroutines by the application soft-
ware. More information on the utility ROM contents is
contained in the user’s guide for this device.
Some applications require protection against unautho-
rized viewing of program code memory. For these
applications, access to in-system programming or in-
circuit debugging functions is prohibited until a pass-
word has been supplied. The password is defined as
the 16 words of physical program memory at address-
es x0010h to x001Fh.
A single Password Lock (PWL) bit is implemented in
the SC register. When the PWL is set to one (power-on
reset default), the password is required to access the
utility ROM, including in-circuit debug and in-system
programming routines that allow reading or writing of
internal memory. When PWL is cleared to zero, these
utilities are fully accessible without the password. The
password is automatically set to all zeros following a
mass erase. An additional Code Lock bit set from the
bootloader prevents any access to the device, even
through the password. The device must be erased by
the mass erase operation to clear the Code Lock bit
before the device can be reprogrammed.
Programming
The microcontroller’s EEPROM can be programmed by
two different methods: in-system programming and in-
application programming. Both methods afford great
flexibility in system design as well as reduce the life-
cycle cost of the embedded system. In-system pro-
gramming can be password protected to prevent
unauthorized access to code memory.
In-System Programming
An internal bootloader allows the device to be reloaded
over a simple JTAG interface. As a result, system soft-
ware can be upgraded in-system, eliminating the need
for a costly hardware retrofit when software updates are
required. Remote software uploads are possible that
enable physically inaccessible applications to be fre-
quently updated. The interface hardware can be a
JTAG connection to another microcontroller, or a con-
nection to a PC serial port using a serial to JTAG con-
verter such as the MAXQJTAG-001, available from
Dallas Semiconductor. If in-system programmability is
not required, a commercial gang programmer can be
used for mass programming.
Activating the JTAG interface and sending the system
programming instruction invokes the bootloader.
Setting the SPE bit to 1 during reset through the JTAG
interface executes the bootloader-mode program that
resides in the utility ROM. When programming is com-
plete, the bootloader can clear the SPE bit and reset
the device, allowing the device to bypass the utility
ROM and begin execution of the application software.
Optionally, the bootloader can be invoked by the appli-
cation code.
The following bootloader functions are supported:
• Load
• Dump
• CRC
• Verify
• Erase
Microcontroller with Internal Voltage Regulator,
Piezoelectric Horn Driver, and Comparator
10
____________________________________________________________________


Similar Part No. - MAXQ3210-EMX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3212 MAXIM-MAXQ3212 Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
MAXQ3212-EJX MAXIM-MAXQ3212-EJX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAXQ3212-EJX MAXIM-MAXQ3212-EJX Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
More results

Similar Description - MAXQ3210-EMX

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C119 MICROCHIP-RE46C119 Datasheet
176Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C107 MICROCHIP-RE46C107 Datasheet
214Kb / 7P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver and LED Driver Circuit
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
   Piezoelectric Horn Driver and LED Driver Circuit
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com