Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ3210 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAXQ3210
Description  Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ3210 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAXQ3210 Datasheet HTML 3Page - Maxim Integrated Products MAXQ3210 Datasheet HTML 4Page - Maxim Integrated Products MAXQ3210 Datasheet HTML 5Page - Maxim Integrated Products MAXQ3210 Datasheet HTML 6Page - Maxim Integrated Products MAXQ3210 Datasheet HTML 7Page - Maxim Integrated Products MAXQ3210 Datasheet HTML 8Page - Maxim Integrated Products MAXQ3210 Datasheet HTML 9Page - Maxim Integrated Products MAXQ3210 Datasheet HTML 10Page - Maxim Integrated Products MAXQ3210 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Microcontroller with Internal Voltage Regulator,
Piezoelectric Horn Driver, and Comparator
_____________________________________________________________________
7
Pin Description (continued)
PIN
NAME
FUNCTION
13
FEED
Piezoelectric Horn Driver, Feedback. This input is connected to the feedback electrode of the horn. If FEED is
not used, it should be grounded.
14
HORNB
Piezoelectric Horn Driver, Horn Brass. This output pin is connected to the piezo metal support electrode of the
horn.
15
GNDHORN
Piezoelectric Horn Driver, Ground. This pin should be connected to GND, the same ground as pin 1. There is
no special isolation required for this pin.
16
HORNS
Piezoelectric Horn Driver, Horn Silver. This output pin is connected to the ceramic electrode and provides the
complementary output to HORNB when the horn output is enabled.
17
VDD
Digital Power. This pin should be connected to a bypass capacitor to ground.
18
REGOUT
Voltage Regulator Output. This pin provides the regulated output of the internal voltage regulator. This pin
requires sufficient bypass capacitance, preferrably a parallel combination of 10µF and 0.1µF capacitors
between this pin and ground.
19
TMS/P1.2
Debug Port Signal TMS or General-Purpose, Digital I/O, Type D Port. This pin functions as either the TMS
signal of the debug port or as a bidirectional I/O. The pin defaults to a digital input with a weak pullup after a reset.
20
RESET/P1.1
Active-Low Reset Input or General-Purpose, Digital I/O, Type D Port. This pin defaults to the reset input
mode of operation following a POR. The reset input mode can be deactivated and the digital I/O mode enabled
by programming the RSTD bit to 1.
21
TDI/P1.0
Debug Port Signal TDI or General-Purpose, Digital I/O, Type D Port. This pin functions as either the TDI signal
of the debug port or as a bidirectional I/O. The pin defaults to a digital input with a weak pullup after a reset.
22
LED/P0.7
High-Current (Sink) Driver Output or General-Purpose, Digital I/O, Type D Port. This pin functions with a
high-current pulldown to drive a device such as an LED or as a bidirectional I/O. The pin defaults to a digital
input with a weak pullup after a reset.
23
INT/P0.6
External Edge-Selectable Interrupt or General-Purpose, Digital I/O, Type D Port. This pin functions as either
an external edge-selectable interrupt or as a bidirectional I/O. The pin defaults to a digital input with a weak
pullup after a reset.
24
CMPI/P0.5
Analog Voltage Comparator Input or General-Purpose, Digital I/O, Type D Port. This pin functions as either
the input to the analog voltage comparator or as a bidirectional I/O. The pin defaults to a digital input with a weak
pullup after a reset.


Similar Part No. - MAXQ3210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3212 MAXIM-MAXQ3212 Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
MAXQ3212-EJX MAXIM-MAXQ3212-EJX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAXQ3212-EJX MAXIM-MAXQ3212-EJX Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
347Kb / 19P
   Video Filter Amplifier with SmartSleep and Y/C Mixer Circuit
Rev 0; 5/06
MAXQ3212-EMX MAXIM-MAXQ3212-EMX Datasheet
359Kb / 25P
   Microcontroller with Analog Comparator and LED Driver
Rev 0; 5/06
More results

Similar Description - MAXQ3210

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
   Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
   Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C119 MICROCHIP-RE46C119 Datasheet
176Kb / 9P
   Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
   Piezoelectric Horn Driver and Voltage Converter
2009
RE46C107 MICROCHIP-RE46C107 Datasheet
214Kb / 7P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
   DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
   Piezoelectric Horn Driver and LED Driver Circuit
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
   Piezoelectric Horn Driver and LED Driver Circuit
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com