Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M672 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M672
Description  VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M672 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M672 Datasheet HTML 1Page - Integrated Circuit Systems M672 Datasheet HTML 2Page - Integrated Circuit Systems M672 Datasheet HTML 3Page - Integrated Circuit Systems M672 Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M672 Datasheet Rev 0.2
3 of 4
Revised 07Apr2004
Integ r ated Circuit Systems , Inc. ● Comm unications Modules ● www.i cst. com ● tel (508) 852-5400
M672
VCSO WITH SELECTABLE OUTPUT FREQUENCY DIVIDER
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
ELECTRICAL SPECIFICATIONS
DC Characteristics
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, Fvcso = 622.08, 311.04, or 155.52 MHz, Outputs terminated into 180Ω to ground
Symbol Parameter
Pin
Min
Typ
Max
Unit
Power Supply V
CC
Positive Supply Voltage
VCC
2.97
3.3
3.63
V
I
CC
Power Supply Current
85
125
mA
Control
Voltage
V
IN
Input Control Voltage Range
VIN
0
3.3
V
V
IN Input Impedence
100
k
P Select
Pull-up1
Note 1: Internally pulled up to Logic 1 (Fout = 1
/d Fvcso) if left unselected.
V
IH
Input High Voltage
P_SEL
2
Vcc + 0.3 V
V
IL
Input Low Voltage
-0.3
0.8
V
I
IH
Input High Current
5
µA
I
IL
Input Low Current
-150
µA
Rpullup
Internal Pull-up Resistor
51
k
Differential
Outputs
V
OH
Output High Voltage
FOUT, nFOUT
Vcc - 0.98
Vcc - 0.75 V
V
OL
Output Low Voltage
Vcc - 1.95
Vcc - 1.63 V
V
P
-P
Peak to Peak Output Voltage2
Note 2: Single-ended measurement. See Figure 3, Output Rise and Fall Time, on pg. 2.
0.450
0.625
0.85
V
P
-P
I
OUT
Output Current
20
mA
Table 5: DC Characteristics
AC Characteristics
Unless stated otherwise, V
CC = 3.3 Volts + 10%, TA = 0 to 85
oC, Fvcso = 622.08, 311.04, or 155.52 MHz, Outputs terminated into 180Ω to ground
Symbol Parameter
Min
Typ
Max
Unit Notes
Control Voltage V
IN
Modulation Bandwidth
VIN
500
kHz
Output
F
OUT
Output Frequency Range
60
700
MHz
APR
Absolute (Guaranteed) Pull-Range 1
Note 1: Also fully meets ±50 ppm minimum pull-range specification that is commonly required.
±100
ppm
f
STAB
Frequency Stability
100
ppm p-p At any givin VIN
L
IN
Tuning Linearity
6
%
VIN = 0.3 to 3.0V
Best fit straight line
K
VCO
VCO Gain @622.08MHz
400
ppm/V VIN = 0.3 to 3.0V
Non-harmonic Spurious
-50
-77
dBc
Φn
SSB (single sideband)
Phase Noise, offset
from carrier
@622.08MHz
100Hz Offset
-48
dBc/Hz
1kHz Offset
-75
dBc/Hz
10kHz Offset
-99
dBc/Hz
100kHz Offset
-124
dBc/Hz
1MHz Offset
-142
dBc/Hz
J(t)
Jitter (rms)
@622.08MHz
12kHz to 20MHz
0.30
ps rms
50kHz to 80MHz
0.18
ps rms
odc
Output Duty Cycle 2
Note 2: See Parameter Measurement Information on pg. 2.
45
55
%
t
R
Output Rise Time 2 for FOUT, nFOUT
275
425
ps
20
% to 80%
t
F
Output Fall Time 2 for FOUT, nFOUT
275
425
ps
20
% to 80%
Table 6: AC Characteristics


Similar Part No. - M672

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204F ATMEL-M67204F Datasheet
72Kb / 5P
   Radiation Tolerant FIFOs
M67204F ATMEL-M67204F_14 Datasheet
77Kb / 5P
   Empty Flag Parasitic Pulse
M67204H ATMEL-M67204H Datasheet
1Mb / 20P
   Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
   Asynchronous Read/Write Operations
M67204H ATMEL-M67204H_14 Datasheet
69Kb / 4P
   Empty Flag Parasitic Pulse
More results

Similar Description - M672

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M685 ICST-M685 Datasheet
281Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Integrated Device Techn...
M685 IDT-M685 Datasheet
120Kb / 7P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Integrated Circuit Syst...
M660-02 ICST-M660-02 Datasheet
199Kb / 4P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
M660 ICST-M660 Datasheet
59Kb / 1P
   DUAL SAW, SELECTABLE FREQUENCY VCSO
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
255Kb / 7P
   Dual Frequency VCSO
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-505 VECTRON-VS-505 Datasheet
258Kb / 9P
   Single Frequency VCSO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com