Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3878-ADJ Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3878-ADJ
Description  Micropower 800mA Low Noise(Ceramic Stable) Adjustable Voltage Regulator for 1V to 5V Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3878-ADJ Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP3878-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LP3878-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LP3878-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LP3878-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LP3878-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LP3878-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LP3878-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LP3878-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LP3878-ADJ Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Application Information (Continued)
It is important to remember that capacitor tolerance and
variation with temperature must be taken into consideration
when selecting an output capacitor so that the minimum
required amount of output capacitance is provided over the
full operating temperature range. (See Capacitor Character-
istics section).
The output capacitor must be located not more than 0.5"
from the output pin and returned to a clean analog ground.
NOISE BYPASS CAPACITOR: The 10 nF capacitor on the
Bypass pin significantly reduces noise on the regulator out-
put and is required for loop stability. However, the capacitor
is connected directly to a high-impedance circuit in the band-
gap reference.
Because this circuit has only a few microamperes flowing in
it, any significant loading on this node will cause a change in
the regulated output voltage. For this reason, DC leakage
current through the noise bypass capacitor must never ex-
ceed 100 nA, and should be kept as low as possible for best
output voltage accuracy.
The types of capacitors best suited for the noise bypass
capacitor are ceramic and film. High-quality ceramic capaci-
tors with either NPO or COG dielectric typically have very
low leakage. 10 nF polypropolene and polycarbonate film
capacitors are available in small surface-mount packages
and typically have extremely low leakage current.
FEEDFORWARD CAPACITOR
The feedforward capacitor designated C
FF in the Basic Ap-
plication circuit is required to increase phase margin and
assure loop stability. Improved phase margin also gives
better transient response to changes in load or input voltage,
and faster settling time on the output voltage when transients
occur. C
FF forms both a pole and zero in the loop gain, the
zero providing beneficial phase lead (which increases phase
margin) and the pole adding undesirable phase lag (which
should be minimized). The zero frequency is determined
both by the value of C
FF and R1:
fz=1/(2x
π xC
FF x R1)
The pole frequency resulting from C
FF is determined by the
value of C
FF and the parallel combination of R1 and R2:
fp=1/(2x
π xC
FF x (R1 // R2))
At higher output voltages where R1 is much greater than R2,
the value of R2 primarily determines the value of the parallel
combination of R1 // R2. This puts the pole at a much higher
frequency than the zero. As the regulated output voltage is
reduced (and the value of R1 decreases), the parallel effect
of R2 diminishes and the two equations become equal (at
which point the pole and zero cancel out). Because the pole
frequency gets closer to the zero at lower output voltages,
the beneficial effects of C
FF are increased if the frequency
range of the zero is shifted slightly higher for applications
with low Vout (because then the pole adds less phase lag at
the loop’s crossover frequency).
C
FF should be selected to place the pole zero pair at a
frequency where the net phase lead added to the loop at the
crossover frequency is maximized. The following design
guidelines were obtained from bench testing to optimize
phase margin, transient response, and settling time:
For Vout
≤ 2.5V: C
FF should be selected to set the zero
frequency in the range of about 50 kHz to 200 kHz.
For Vout > 2.5V: C
FF should be selected to set the zero
frequency in the range of about 20 kHz to 100 kHz.
CAPACITOR CHARACTERISTICS
CERAMIC: The LP3878-ADJ was designed to work with
ceramic capacitors on the output to take advantage of the
benefits they offer: for capacitance values in the 10 µF
range, ceramics are the least expensive and also have the
lowest ESR values (which makes them best for eliminating
high-frequency noise). The ESR of a typical 10 µF ceramic
capacitor is in the range of 5 m
Ω to 10 mΩ, which meets the
ESR limits required for stability by the LP3878-ADJ.
One disadvantage of ceramic capacitors is that their capaci-
tance can vary with temperature. Many large value ceramic
capacitors (
≥ 2.2 µF) are manufactured with the Z5U or Y5V
temperature characteristic, which results in the capacitance
dropping by more than 50% as the temperature goes from
25˚C to 85˚C.
Another significant problem with Z5U and Y5V dielectric
devices is that the capacitance drops severely with applied
voltage. A typical Z5U or Y5V capacitor can lose 60% of its
rated capacitance with half of the rated voltage applied to it.
For these reasons, X7R and X5R type ceramic capaci-
tors must be used on the input and output of the
LP3878-ADJ.
SHUTDOWN INPUT OPERATION
The LP3878-ADJ is shut off by pulling the Shutdown input
low, and turned on by pulling it high. If this feature is not to be
used, the Shutdown input should be tied to V
IN to keep the
regulator output on at all times.
To assure proper operation, the signal source used to drive
the Shutdown input must be able to swing above and below
the specified turn-on/turn-off voltage thresholds listed in the
Electrical Characteristics section under V
ON/OFF.
REVERSE INPUT-OUTPUT VOLTAGE
The PNP power transistor used as the pass element in the
LP3878-ADJ has an inherent diode connected between the
regulator output and input.
During normal operation (where the input voltage is higher
than the output) this diode is reverse-biased.
However, if the output is pulled above the input, this diode
will turn ON and current will flow into the regulator output.
In such cases, a parasitic SCR can latch which will allow a
high current to flow into V
IN (and out the ground pin), which
can damage the part.
In any application where the output may be pulled above the
input, an external Schottky diode must be connected from
V
IN to VOUT (cathode on VIN, anode on VOUT), to limit the
reverse voltage across the LP3878-ADJ to 0.3V (see Abso-
lute Maximum Ratings).
SETTING THE OUTPUT VOLTAGE
The output voltage is set using resistors R1 and R2 (see
Basic Application Circuit).
The formula for output voltage is:
V
OUT =VADJ x(1+(R1 /R2))
R2 must be less than 5 k
Ω to ensure loop stability.
To prevent voltage errors, R1 and R2 must be located near
the LP3878-ADJ and connected via traces with no other
currents flowing in them (Kelvin connect). The bottom of the
R1/R2 divider must be connected directly to the LP3878-
ADJ ground pin.
www.national.com
11


Similar Part No. - LP3878-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3878-ADJ TI-LP3878-ADJ Datasheet
1Mb / 25P
[Old version datasheet]   Micropower 800-mA Low-Noise
LP3878-ADJ TI-LP3878-ADJ_15 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower 800-mA Low-Noise
More results

Similar Description - LP3878-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3879 NSC-LP3879 Datasheet
725Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
logo
Texas Instruments
LP3879MR-12 TI1-LP3879MR-12 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
LP3879MR-1.2 TI-LP3879MR-1.2 Datasheet
1Mb / 18P
[Old version datasheet]   LP3879 Micropower 800mA Low Noise "Ceramic Stable" Voltage Regulator for Low
logo
National Semiconductor ...
LP3878 NSC-LP3878 Datasheet
640Kb / 11P
   Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications Designed for Use with Very Low ESR Output Capacitors
logo
Fairchild Semiconductor
RC2951 FAIRCHILD-RC2951 Datasheet
103Kb / 11P
   Adjustable Micropower Voltage Regulator
logo
National Semiconductor ...
LP2954 NSC-LP2954 Datasheet
336Kb / 13P
   5V and Adjustable Micropower Low-Dropout Voltage Regulators
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1117 IRF-IRU1117 Datasheet
68Kb / 10P
   800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com