Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-1553IDT Datasheet(PDF) 1 Page - Kingbright Corporation

Part # L-1553IDT
Description  5x5mm SQUARE TOP LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

L-1553IDT Datasheet(HTML) 1 Page - Kingbright Corporation

  L-1553IDT Datasheet HTML 1Page - Kingbright Corporation L-1553IDT Datasheet HTML 2Page - Kingbright Corporation L-1553IDT Datasheet HTML 3Page - Kingbright Corporation L-1553IDT Datasheet HTML 4Page - Kingbright Corporation L-1553IDT Datasheet HTML 5Page - Kingbright Corporation L-1553IDT Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: KDA0294
REV NO: V.1
DATE: SEP/16/2001
PAGE: 1 OF 6
APPROVED: J.LU
CHECKED:
DRAWN: J.X.FU
Description
The Bright Red source color devices are made with
Gallium Phosphide Red Light Emitting Diode.
The High Efficiency Red and Orange source color devices
are made with Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
L-1553HDT BRIGHT RED
L-1553GDT GREEN
L-1553IDT HIGH EFFICIENCY RED L-1553EDT ORANGE
L-1553SRDT SUPER BRIGHT RED L-1553YDTYELLOW
5x5mm SQUARE TOP LED LAMPS
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.
Features
!
LOW POWER CONSUMPTION.
!
ULTRA BRIGHTNESS IS AVAILABLE.
!
WIDE VIEWING ANGLE.
!
RELIABLE AND RUGGED.
!
EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
!
IDEAL AS FLUSH MOUNTED PANEL INDICATORS.
!
LONG LIFE - SOLID STATE RELIABILITY.


Similar Part No. - L-1553IDT

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
L-15001 RHOMBUS-IND-L-15001 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
L-15002 RHOMBUS-IND-L-15002 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
L-15003 RHOMBUS-IND-L-15003 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
L-15004 RHOMBUS-IND-L-15004 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
More results

Similar Description - L-1553IDT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1553IDT KINGBRIGHT-WP1553IDT Datasheet
74Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP503GDT KINGBRIGHT-WP503GDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503YDT KINGBRIGHT-WP503YDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503IDT KINGBRIGHT-WP503IDT Datasheet
263Kb / 6P
   5x5mm SQUARE TOP LED LAMP
W503GDT KINGBRIGHT-W503GDT Datasheet
71Kb / 3P
   5x5mm SQUARE TOP LED LAMP
W503YDT KINGBRIGHT-W503YDT Datasheet
71Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP1553EDT KINGBRIGHT-WP1553EDT Datasheet
75Kb / 3P
   5x5mm SQUARE TOP LED LAMP
WP503GDT KINGBRIGHT-WP503GDT_15 Datasheet
320Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP503YDT KINGBRIGHT-WP503YDT_15 Datasheet
320Kb / 6P
   5x5mm SQUARE TOP LED LAMP
WP1553GDT KINGBRIGHT-WP1553GDT Datasheet
73Kb / 3P
   5x5mm SQUARE TOP LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com