Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL819 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EL819
Description  Photocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL819 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EL819 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EL819 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EVERLIGHT ELETCRONICS CO., LTD
Technical Data Sheet
Photocoupler
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 9of11
Device No.:DPC-819-001
Prepared date:07-20-2005
Prepared by:Eric Chen
EL819 Series
RELIABILITY PLAN
The reliability of products shall be satisfied with items listed below.
Confidence level : 90 % ,
LTPD : 10 %
Classification
Test Item
Description & Condition
(Acc.)
Sample
Failure
Criteria
Reference
Standard
Operation Life *
Ta = 25
± 3°C
IR: If = 50 mA
Pt: Pc = 130 mW ( Vf=1.4v) ,
1000
hrs
0 / 22
MIL-S-750 : 1026
MIL-S-883 : 1005
JIS C 7021 : B-1
High Temperature / High
Humidity Reverse Bias
(H3TRB)
Ta = 85
± 3°C , Humi. = 85 % rh
Pt: 80% * Vce
(max rating) , 1000
hrs
0 / 22
JIS C 7021 : B-11
High Temperature
Reverse Bias
(HTRB)
Ta = 105
± 3°C
Pt: 100% * Vce (Max rating) ,
1000 hrs
0 / 22
JIS C 7021 : B-8
Low Temperature Storage Ta = -50
± 3°C , 1000 hrs
0 / 22
JIS C 7021 : B-12
High Temperature
Storage
Ta = 125
± 3°C , 1000 hrs
0 / 22
JIS C 7021 : B-10
MIL-S-883 : 1008
Endurance
test
Auto clave
P = 15 PSIG , Ta = 121 °C ,
Humi. = 100 % rh ,
48 hrs
0 / 22
JESD 22-A102-B
Temperature Cycling
(Air toAir)
125°C
~
- 55 °C
30
~
30
min
, 100 cycles
0 / 22
MIL-S-883 :1010
JIS C 7021 : A-4
Thermal Shock
(Liquid to Liquid)
125
~
- 55°C
t (dwell) = 5 min
t (trans.) = 10 sec
,
100 cycles
0 / 22
MIL-S-202 : 107D
MIL-S-750 : 1051
MIL-S-883 :1011
Solder Resistance
Ta = 260
± 3°C
t (dwell) = 10
± 1 sec
0 / 22
MIL-S-750 : 2031
JIS C 7021 : A-1
Environmental
Test
Solder Ability
Ta = 230
± 3 °C
t (dwell) = 5
± 1 sec
0 / 22
CTR shift > 1.2
Vf > U* 1.0
Ir > U * 1.0
Vce(sat) >U*1.0
Bvceo < L*1.0
Bveco < L*1.0
L :Low
Spec.Limit
U : Up Spec.
Limit
MIL-S-883 : 2003
JIS C 7021 : A-2


Similar Part No. - EL819

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL81 ETC2-EL81 Datasheet
52Kb / 2P
   OUTPUT PENTODE
logo
Intersil Corporation
EL8100 INTERSIL-EL8100 Datasheet
343Kb / 13P
   200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
   200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100 INTERSIL-EL8100 Datasheet
561Kb / 14P
   200MHz Rail-to-Rail Amplifiers
September 14, 2010
More results

Similar Description - EL819

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com