Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C443-14JI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C443-14JI
Description  Clocked 512 x 9, 2K x 9 FIFOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C443-14JI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C443-14JI Datasheet HTML 6Page - Cypress Semiconductor CY7C443-14JI Datasheet HTML 7Page - Cypress Semiconductor CY7C443-14JI Datasheet HTML 8Page - Cypress Semiconductor CY7C443-14JI Datasheet HTML 9Page - Cypress Semiconductor CY7C443-14JI Datasheet HTML 10Page - Cypress Semiconductor CY7C443-14JI Datasheet HTML 11Page - Cypress Semiconductor CY7C443-14JI Datasheet HTML 12Page - Cypress Semiconductor CY7C443-14JI Datasheet HTML 13Page - Cypress Semiconductor CY7C443-14JI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
CY7C441
CY7C443
Document #: 38-06032 Rev. *A
Page 10 of 15
ENR and ENW are HIGH). Upon completion of the Master
Reset cycle, all data outputs will go LOW tAMR after MR is
deasserted. F1 and F2 are guaranteed to be valid tMRF after
MR is taken HIGH.
FIFO Operation
When the ENW signal is active (LOW), data on the D0–8 pins
is written into the FIFO on each rising edge of the CKW signal.
Similarly, when the ENR signal is active, data in the FIFO
memory will be presented on the Q0–8 outputs. New data will
be presented on each rising edge of CKR while ENR is active.
ENR must set up tSEN before CKR for it to be a valid read.
ENW must occur tSEN before CKW for it to be a valid write.
The FIFO contains overflow circuitry to disallow additional
writes when the FIFO is full, and underflow circuitry to disallow
additional reads when the FIFO is empty. An empty FIFO
maintains the data of the last valid read on its Q0–8 outputs
even after additional reads occur.
Flag Operation
The CY7C441/3 provide two flags, F1 and F2, which are used
to decode four FIFO states (see Table 1). All flags are synchro-
nous, meaning that the change of states is relative to one of
the clocks (CKR or CKW, as appropriate; see Figure 1). The
synchronous architecture guarantees some minimum valid
time for the flags.
The Empty and Almost Empty flag states are exclusively up-
dated by each rising edge of the read clock (CKR). For exam-
ple, when the FIFO contains 1 word, the next read (rising edge
of CKR while ENR=LOW) causes the F1 and F2 pins to output
a state signifying the Empty condition. The Almost Full flag is
updated exclusively by the write clock (CKW). For example, if
the CY7C443 FIFO contains 2031 words (2032 words or
greater indicates Almost Full in the CY7C443), the next write
(rising edge of CKW while ENW=LOW) causes the F1 and F2
pins to output the Almost Full state.
Flag Operation (continued)
Since the flags denoting emptiness (Empty, Almost Empty) are
only updated by CKR and the Almost Full flag is only updated
by the CKW, careful attention must be given to the flag opera-
tion. The user must be aware that if a flag boundary (Empty,
Almost Empty, and Almost Full) is crossed due to an operation
from a clock that the flag is not synchronized to (i.e.,CKR does
not effect Almost Full), a flag update is necessary to represent
the FIFO’s new state. This signal to which a flag is not synchro-
nized will be referred to as the opposite clock (CKW is opposite
clock for Empty and Almost Empty flags; CKR is the opposite
clock for the Almost Full flag).
Until the flag update cycle is executed, the synchronous flags
do not show the true state of the FIFO. For example, if 2,040
writes are performed to an empty CY7C443 without a single
read, F1 and F2 will still exhibit an Empty flag. This is because
F2 is exclusively updated by the CKR, therefore, a single read
(flag update cycle) is necessary to update flags to Almost Full
state. It should be noted that this flag update read does not
require ENR = LOW, so a free-running read clock will initiate
the flag update cycle.
When updating the flags, the CY7C441/443 decide whether or
not the opposite clock was recognized when a clock updates
the flag. For example, if a write occurs at least tSKEW1 after a
read when updating the Empty flag, the write is guaranteed not
to be included when CKR updates the flag. If a write occurs at
least tSKEW2 before a read, the write is guaranteed to be in-
cluded when CKR updates the flag. If a write occurs within
tSKEW1/tSKEW2 after or before CKR, then the decision of
Table 1. Flag Truth Table
F1
F2
State
CY7C441
Number of
Words in FIFO
CY7C443
Number of
Words in FIFO
0
0
Empty
0
0
1
0
Almost
Empty
1 – 16
1 – 16
1
1
Intermediate
Range
17 – 495
17 – 2031
0
1
Almost Full
or Full
496 – 512
2032 – 2048
Figure 1. Flag Logic Diagram
C441-16
F1
F2
E
AF
AE
INTERNAL LOGIC
PINS
CKR
CKW
CKR


Similar Part No. - CY7C443-14JI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10AC CYPRESS-CY7C4421-10AC Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10AC CYPRESS-CY7C4421-10AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10JC CYPRESS-CY7C4421-10JC Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C443-14JI

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com