Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C441-12JC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C441-12JC
Description  Clocked 512 x 9, 2K x 9 FIFOs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C441-12JC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C441-12JC Datasheet HTML 1Page - Cypress Semiconductor CY7C441-12JC Datasheet HTML 2Page - Cypress Semiconductor CY7C441-12JC Datasheet HTML 3Page - Cypress Semiconductor CY7C441-12JC Datasheet HTML 4Page - Cypress Semiconductor CY7C441-12JC Datasheet HTML 5Page - Cypress Semiconductor CY7C441-12JC Datasheet HTML 6Page - Cypress Semiconductor CY7C441-12JC Datasheet HTML 7Page - Cypress Semiconductor CY7C441-12JC Datasheet HTML 8Page - Cypress Semiconductor CY7C441-12JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
CY7C441
CY7C443
Document #: 38-06032 Rev. *A
Page 4 of 15
Switching Characteristics Over the Operating Range[9]
7C441–12
7C443–12
7C441–14
7C443–14
7C441–20
7C443–20
7C441–30
7C443–30
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tCKW
Write Clock Cycle
12
14
20
30
ns
tCKR
Read Clock Cycle
12
14
20
30
ns
tCKH
Clock HIGH
5
6.5
9
12
ns
tCKL
Clock LOW
5
6.5
9
12
ns
tA
[10]
Data Access Time
9
10
15
20
ns
tOH
Previous Output Data Hold After Read HIGH
0
0
0
0
ns
tFH
Previous Flag Hold After Read/Write HIGH
0
0
0
0
ns
tSD
Data Set-Up
4
5
6
7
ns
tHD
Data Hold
0
0
0
0
ns
tSEN
Enable Set-Up
4
5
6
7
ns
tHEN
Enable Hold
0
0
0
0
ns
tFD
Flag Delay
9
10
15
20
ns
tSKEW1
[11]
Opposite Clock After Clock
0
0
0
0
ns
tSKEW2
[12]
Opposite Clock Before Clock
12
14
20
30
ns
tPMR
Master Reset Pulse Width (MR LOW)
12
14
20
30
ns
tSCMR
Last Valid Clock LOW Set-Up to MR LOW
0
0
0
0
ns
tOHMR
Data Hold From MR LOW
0
0
0
0
ns
tMRR
Master Reset Recovery (MR HIGH Set-Up to
First Enabled Write/Read)
12
14
20
30
ns
tMRF
MR HIGH to Flags Valid
12
14
20
30
ns
tAMR
MR HIGH to Data Outputs LOW
12
14
20
30
ns
Notes:
9.
Test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5V, and output loading as shown in the AC Test Loads and Waveforms
and capacitance as in Note 7, unless otherwise specified.
10. Access time includes all data outputs switching simultaneously.
11.
tSKEW1 is the minimum time an opposite clock can occur after a clock and still be guaranteed not to be included in the current clock cycle (for purposes of
flag update). If the opposite clock occurs less than tSKEW1 after the clock, the decision of whether or not to include the opposite clock in the current clock
cycle is arbitrary. Note: The opposite clock is the signal to which a flag is not synchronized; i.e., CKW is the opposite clock for Empty and Almost Empty flags,
CKR is the opposite clock for the Almost Full flag. The clock is the signal to which a flag is synchronized; i.e., CKW is the clock for the Almost Full flag, CKR
is the clock for Empty and Almost Empty flags.
12. tSKEW2 is the minimum time an opposite clock can occur before a clock and still be guaranteed to be included in the current clock cycle (for purposes of flag
update). If the opposite clock occurs less than tSKEW2 before the clock, the decision of whether or not to include the opposite clock in the current clock cycle
is arbitrary. See Note 11 for definition of clock and opposite clock.


Similar Part No. - CY7C441-12JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10AC CYPRESS-CY7C4421-10AC Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10AC CYPRESS-CY7C4421-10AC Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421-10JC CYPRESS-CY7C4421-10JC Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
More results

Similar Description - CY7C441-12JC

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL4CS211 AVERLOGIC-AL4CS211_1 Datasheet
35Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Synchronous FIFOs
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
AL4CE211 AVERLOGIC-AL4CE211 Datasheet
34Kb / 2P
   512, 1K, 2K, 4K, 8K x 9 Advanced Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C455 CYPRESS-CY7C455 Datasheet
384Kb / 23P
   512 x 18, 1K x 18, and 2K x 18 Cascadable Clocked FIFOs with Programmable Flags
CY7C4421V CYPRESS-CY7C4421V Datasheet
263Kb / 17P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421V CYPRESS-CY7C4421V_05 Datasheet
520Kb / 18P
   Low-Voltage 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com