Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCH1216BNP-561K Datasheet(PDF) 4 Page - Sumida Corporation

Part # RCH1216BNP-561K
Description  RCH1216B
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH1216BNP-561K Datasheet(HTML) 4 Page - Sumida Corporation

  RCH1216BNP-561K Datasheet HTML 1Page - Sumida Corporation RCH1216BNP-561K Datasheet HTML 2Page - Sumida Corporation RCH1216BNP-561K Datasheet HTML 3Page - Sumida Corporation RCH1216BNP-561K Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPECIFICATION
TYPE
RCH1216B
2-2.ELECTRICAL CHARACTERISTICS
DC SUPERPOSITION
PERMISSION CURRENT
(A)※3
NO.
PART NO.
STAMP
INDUCTANCE
[WITHIN]
※1
D.C.R.
[MAX.](Ω)
at 20℃
※2
at 20℃
at 100℃
TEMPERATURE
RISE CURRENT
(A)
※4
SUMIDA
CODE
01
RCH1216BNP-1
ØØM
100M
10μH ±20%
24m(19m)
9.00
8.00
5.00
-0001
02
RCH1216BNP-12
ØM
120M
12μH ±20%
26m(21m)
7.80
7.00
4.60
-0002
03
RCH1216BNP-15
ØM
150M
15μH ±20%
29m(23m)
7.20
6.20
4.40
-0003
04
RCH1216BNP-18
ØM
180M
18μH ±20%
33m(26m)
6.75
5.80
4.20
-0004
05
RCH1216BNP-22
ØM
220M
22μH ±20%
37m(29m)
6.00
5.30
4.00
-0005
06
RCH1216BNP-27
ØM
270M
27μH ±20%
41m(32m)
5.50
4.80
3.80
-0006
07
RCH1216BNP-33
ØM
330M
33μH ±20%
46m(36m)
5.00
4.50
3.60
-0007
08
RCH1216BNP-39
ØM
390M
39μH ±20%
49m(39m)
4.70
4.10
3.30
-0008
09
RCH1216BNP-47
ØM
470M
47μH ±20%
56m(44m)
4.30
3.80
3.20
-0009
10
RCH1216BNP-56
ØK
560K
56μH ±10%
87m(69m)
4.10
3.70
2.70
-0010
11
RCH1216BNP-68
ØK
680K
68μH ±10%
98m(78m)
3.80
3.30
2.40
-0011
12
RCH1216BNP-82
ØK
820K
82μH ±10%
107m(85m)
3.20
2.90
2.25
-0012
13
RCH1216BNP-1
Ø1K
101K
100μH ±10%
121m(96m)
3.00
2.70
2.15
-0013
14
RCH1216BNP-121K
121K
120μH ±10%
134m(107m)
2.85
2.60
2.05
-0014
15
RCH1216BNP-151K
151K
150μH ±10%
156m(124m)
2.55
2.35
1.90
-0015
16
RCH1216BNP-181K
181K
180μH ±10%
206m(164m)
2.20
2.05
1.65
-0016
17
RCH1216BNP-221K
221K
220μH±10%
236m(188m)
2.00
1.85
1.55
-0017
18
RCH1216BNP-271K
271K
270μH±10%
0.32(0.25)
1.85
1.70
1.40
-0018
19
RCH1216BNP-331K
331K
330μH±10%
0.37(0.29)
1.65
1.53
1.30
-0019
20
RCH1216BNP-391K
391K
390μH±10%
0.48(0.38)
1.55
1.35
1.05
-0020
21
RCH1216BNP-471K
471K
470μH±10%
0.55(0.44)
1.45
1.25
1.00
-0021
22
RCH1216BNP-561K
561K
560μH±10%
0.62(0.49)
1.36
1.18
0.95
-0022
23
RCH1216BNP-681K
681K
680μH±10%
0.79(0.63)
1.20
1.06
0.82
-0023
24
RCH1216BNP-821K
821K
820μH±10%
0.88(0.70)
1.14
0.97
0.75
-0024
25
RCH1216BNP-1
Ø2K
102K
1.0mH ±10%
1.13(0.90)
1.00
0.80
0.65
-0025
26
RCH1216BNP-122K
122K
1.2mH ±10%
1.25(1.00)
0.89
0.76
0.61
-0026
27
RCH1216BNP-152K
152K
1.5mH ±10%
1.52(1.26)
0.85
0.70
0.54
-0027
28
RCH1216BNP-182K
182K
1.8mH ±10%
1.93(1.60)
0.76
0.63
0.46
-0028
29
RCH1216BNP-222K
222K
2.2mH ±10%
2.52(2.10)
0.65
0.57
0.41
-0029
※1 MEASURING FREQUENCY at 1kHz
※2 (
) ARE TYPICAL VALUE.
※3 DC SUPERPOSITION PERMISSION CURRENT:THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS
10% LOWER THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION.
※4 THE CURRENT WHEN COIL’S SELF TEM ERATURE RISE IS △T=40℃. (Ta=20℃)
3.STORAGE TEMPERATURE RANGE
: −30℃ ∼ +100℃
OPERATING TEMPERATURE RANGE: −30℃ ∼ +100℃ (INCLUDING COIL'S SELF TEMPERATURE RISE)


Similar Part No. - RCH1216BNP-561K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH1216BNP-561K SUMIDA-RCH1216BNP-561K Datasheet
239Kb / 5P
   PIN Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com