Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UU9LFB Datasheet(PDF) 1 Page - Sumida Corporation

Part # UU9LFB
Description  AC COMMON MODE CHOKES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

UU9LFB Datasheet(HTML) 1 Page - Sumida Corporation

  UU9LFB Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AC COMMON MODE CHOKES
Specifications /仕様
Type
Inductance
Rated current
品名
インダクタンス
直流抵抗
定格電流
(1-2) (4-3)
インダクタンス
(1-2) (4-3)
@1kHz
平衡度
@ 20°C
UU9LFB(H)-B322
Min.3.2mH
Max.150µH Max.1.7 Ω
360mA
UU9LFB(H)-B502
Min.5.0mH
Max.200µH Max.2.81 Ω
260mA
UU9LFB(H)-B902
Min.9.0mH
Max.360µH Max.5.0 Ω
180mA
UU9LFB(H)-B163
Min.16.5mH Max.440µH Max.7.0 Ω
160mA
UU9LFB(H)-B283
Min.28.0mH Max.700µH Max.13.0 Ω
130mA
UU9LFB
DIMENSIONS (mm)
外形寸法図
1. In the same dimensions as UU9LF, impedance characteristic in high frequency range is improved by split bobbin.
1.UU9LFと同一形状で、分割ボビンの採用により高周波におけるインピーダンス特性向上タイプ
1. Common mode noise filter for TV, VCR, Swiching power supply, NC machine,
PC & PC related device, measurement equipment and control unit
1.テレビ、ビデオ、SW電源、NCマシン、コンピューター及び周辺機器、各種計測器、
各種制御装置などの雑音端子電圧電源ラインノイズフィルタ
Impedance Characteristics /インピーダンス特性
Schematics
結線図
15.5MAX.
12.5MAX. 3.5
7.0
3.4MAX.
UU9LFBH
DIMENSIONS (mm)
外形寸法図
1.Common mode chokes for effective AC line noise prevention
1. ACラインノイズ防止に有効なコモンモードチョーク
UU9LFB & UU9LFBH
OUTLINE /概要
FEATURES/特徴
APPLICATION /用途
http://www.sumida.com
Rev1.0 09/2004
North America
Tel:(1) 847 545-6700
Fax:(1) 847 545-6720
E-mail: sales@us.sumida.com
Japan
Tel:(81) 03 3667-3302
Fax:(81) 03 3667-3408
Hong Kong
Tel:(852) 2880-6688
Fax:(852) 2565-9600
E-mail: sales@hk.sumida.com
Taiwan
Tel:(886) 2 2726-2177
Fax:(886) 2 2728-2726
E-mail: sales@tw.sumida.com
Singapore
Tel:(65) 6296-3388
Fax:(65) 6296-3390
E-mail: sales@sg.sumida.com
Europe
Tel:(32) 2673-9565
Fax:(32) 2672-0454
E-mail: sales@eu.sumida.com
Inductance
Balance
D.C.R.
11.0 MAX.
16.5MAX.
2.8
7.0
3
4
2
1
S
S
0
300
270
240
210
180
150
120
90
60
30
10M
1M
100K
10K
4K
B283
B322
B163
B902
B502
FREQUENCY (Hz)
E-mail: sales@jp.sumida.com
3.4 MAX.


Similar Part No. - UU9LFB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LFB SUMIDA-UU9LFB Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LFBHNP-B-B163 SUMIDA-UU9LFBHNP-B-B163 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LFBHNP-B-B283 SUMIDA-UU9LFBHNP-B-B283 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LFBHNP-B-B322 SUMIDA-UU9LFBHNP-B-B322 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
UU9LFBHNP-B-B502 SUMIDA-UU9LFBHNP-B-B502 Datasheet
144Kb / 2P
   AC COMMON MODE COIL
More results

Similar Description - UU9LFB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
UU9LF SUMIDA-UU9LF Datasheet
224Kb / 1P
   AC COMMON MODE CHOKES
LF1290 SUMIDA-LF1290 Datasheet
163Kb / 1P
   AC COMMON MODE CHOKES
UU16LFB SUMIDA-UU16LFB Datasheet
141Kb / 1P
   AC COMMON MODE CHOKES
PFC1816 SUMIDA-PFC1816 Datasheet
129Kb / 2P
   AC Common Mode Chokes
UU10LF SUMIDA-UU10LF Datasheet
141Kb / 1P
   AC COMMON MODE CHOKES
logo
XFMRS Inc.
XF1506AB XFMRS-XF1506AB Datasheet
46Kb / 1P
   Common Mode Chokes
logo
Murata Manufacturing Co...
KMP_5100 MURATA-KMP_5100 Datasheet
144Kb / 3P
   Common Mode Chokes
KMP_5200 MURATA-KMP_5200 Datasheet
146Kb / 3P
   Common Mode Chokes
logo
XFMRS Inc.
XF0103-AD1 XFMRS-XF0103-AD1 Datasheet
34Kb / 1P
   COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
   COMMON MODE CHOKES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com