Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCP1317NP-151L Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCP1317NP-151L
Description  RCP1317
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCP1317NP-151L Datasheet(HTML) 1 Page - Sumida Corporation

  RCP1317NP-151L Datasheet HTML 1Page - Sumida Corporation RCP1317NP-151L Datasheet HTML 2Page - Sumida Corporation RCP1317NP-151L Datasheet HTML 3Page - Sumida Corporation RCP1317NP-151L Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
仕 様 書
RCP1317
1.外形
1-1.寸法図(mm)
* 端子の寸法は、はんだつららを除く。
* 端子のピッチは、端子根元での寸法。
1-2.捺印表示例
2.コイル仕様
2-1.端子接続図(裏面図)
2-2.電気的特性
直流重畳許容電流(A)
※3
NO.
表示
インダクタンス
<以内>
※1
D.C.R.(Ω)
<以下>
(at 20℃)
※2
(at 20℃) (at 100℃)
温度上
昇許容
電流
(A)
※4
スミダ
コード
01
RCP1317NP-33ØM
330
33μH±20%
58m (46m)
4.80
4.40
3.60
-0005
02
RCP1317NP-47ØM
470
47μH±20%
69m (55m)
4.30
3.80
3.30
-0006
03
RCP1317NP-68ØM
680
68μH±20%
101m (81m)
3.30
3.00
2.60
-0007
04
RCP1317NP-82ØM
820
82μH±20%
110m (88m)
3.10
2.70
2.50
-0008
05
RCP1317NP-1Ø1M
101
100μH±20%
125m (100m)
2.80
2.50
2.30
-0009
17.5 MAX.
4.8±1.0
頭部直捺印
捺印位置不定
製造密番
470
compliance
Cd:Max.0.01wt%
others:Max.0.1wt%
RoHS


Similar Part No. - RCP1317NP-151L

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCP1317NP-151L SUMIDA-RCP1317NP-151L Datasheet
201Kb / 2P
   POWER INDUCTORS < Pin Type: RCP Series >
RCP1317NP-151L SUMIDA-RCP1317NP-151L Datasheet
221Kb / 5P
   PIN Power Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com