Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATC111 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ATC111
Description  ATC Millimeter Wavelength Single Layer Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ATC111 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ATC111 Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 8Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 9Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 10Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 11Page - List of Unclassifed Manufacturers ATC111 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
American Technical Ceramics • One Norden Lane, Huntington Station, N.Y. 11746-2142
phone: 631-622-4700 • fax: 631-622-4748 • e-mail: sales@atceramics.com • http://www.atceramics.com
8
112 Series BI-TRIM® Binary Capacitors
Part Number
Total
Cap.
(pF)
C 1
Tol.
(pF)
112M3A0R9C100TT
0.9
0.1 B
112M3CA2R7C100TT
2.7
0.3 B
112N3CA9R0D100TT
9.0
1.0 C
112N3DB270M100TT
27
3.0 M
112M3F900M100TT
90
10 M
C 2
Tol.
(pF)
0.2 B
0.6 C
2.0 C
6.0 M
20 M
C 4
Tol.
(pF)
0.4 C
1.2 C
4.0 D
12 M
40 M
Part Number
Total
Cap.
(pF)
C 1
Tol.
(pF)
112P4A1R5C100TT
1.5
0.1 B
112P4CA4R5D100TT
4.5
0.3 C
112P4DB150M100TT
15
1.0 M
112P4EC450M100TT
45
3.0 M
112R4J151M100TT
150
10 M
C 2
Tol.
(pF)
0.2 B
0.6 C
2.0 M
6.0 M
20 M
C 4
Tol.
(pF)
0.4 B
1.2 C
4.0 M
12 M
40 M
C 8
Tol.
(pF)
0.8 C
2.4 D
8.0 M
24 M
80 M
Case
Size
L = W
Inches (mm)
L1 = W1
(ref.)
M
.050 ±.005
(1.27 ±0.13)
.015
(0.38)
N
.070 ±.005
(1.78 ±0.13)
.022
(0.56)
L2 = W2
(ref.)
.030
(0.76)
.044
(1.12)
ATC PART NUMBER CODE: 112/113 Series
112
N
3
CA
9R0
D
100
T T
Series: 112 or 113
Termination Suffix: TT:
Titanium Tungsten/Nickel/Gold
Case Size Code
WVDC (in Volts): 3 significant digits,
Configuration: 112 Series only.
100 Volts is standard.
Dielectric Style: Max. 2 characters.
Available in the following styles:
A, CA, CC, DB, HC, EC, J, F, G.
See page 3 for T.C.
Capacitance Code: 2 significant digits,
R = Decimal point; Number of zeros
following significant digits.
Capacitance Tolerance
Code
C (pF)
D (pF)
K (%)
M (%)
Tol.
±0.25
B (pF)
±0.1
±0.5
±10
±20
Case
Size
L = W
Inches (mm)
L1
(ref.)
P
.060 ±.005
(1.52 ±0.13)
.019
(0.48)
R
.070 ±.005
(1.78 ±0.13)
.022
(0.56)
L2
(ref.)
.038
(0.97)
.044
(1.12)
W1
(ref.)
.011
(0.28)
.013
(0.33)
W2
(ref.)
.045
(1.14)
.053
(1.34)
T (Thickness): .005 (0.13) min. to .010 (0.25) max.
G: .005 nom.
T (Thickness): .005 (0.13) min. to .010 (0.25) max.
G: .005 nom.
W
W
G
1
2
W
2
L
T
1
L
L
C1
C2
C4
C2
u
G
W
2
1
W
W
C1
C4
C8
C2
2
L
T
1
L
L
u
G
G
CONFIGURATION 3
CONFIGURATION 3
CONFIGURATION 3
CONFIGURATION 4
CONFIGURATION 4
CONFIGURATION 4
NOTE: Selected values in bold italic type are available from Quik-Pick® – See page 11.
ATC accepts orders for our parts using designations with or without the “ATC” prefix. Both methods of defining the part number are equivalent, i.e., part
numbers referenced with the “ATC” prefix are interchangeable to parts referenced without the “ATC” prefix. Customers are free to use either in specifying or
procuring parts from American Technical Ceramics.


Similar Part No. - ATC111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC100A ETC2-ATC100A Datasheet
275Kb / 6P
   Ultra-Stable Performance
logo
RF Micro Devices
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
ATC100A0R2BT RFMD-ATC100A0R2BT Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
logo
NXP Semiconductors
ATC100A0R5BT500XT NXP-ATC100A0R5BT500XT Datasheet
1Mb / 17P
   RF LDMOS Wideband Integrated Power Amplifier
Rev. 1, 3/2011
logo
RF Micro Devices
ATC100A0R7BT RFMD-ATC100A0R7BT Datasheet
923Kb / 11P
   280W GaN WIDEBAND PULSED POWER
More results

Similar Description - ATC111

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
   ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
   ATC Blade Fuses
logo
Turck, Inc.
CMBS8151-0 TURCK-CMBS8151-0 Datasheet
71Kb / 1P
   MILLIMETER [ INCH ]
logo
Vishay Siliconix
196DLC VISHAY-196DLC_08 Datasheet
107Kb / 7P
   Double Layer Capacitors
Revision: 15-Apr-08
196DLC VISHAY-196DLC Datasheet
70Kb / 6P
   Double Layer Capacitors
Revision: 17-Oct-03
logo
AVX Corporation
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
   Single Layer Varistors
VC32M01750K AVX-VC32M01750K Datasheet
183Kb / 2P
   Single Layer Varistors
logo
List of Unclassifed Man...
ATC500S ETC-ATC500S Datasheet
554Kb / 8P
   Broadband Microwave Millimeter-wave 0603 NPO SMT Capacitors
logo
Alpha & Omega Semicondu...
TO247 AOSMD-TO247 Datasheet
50Kb / 1P
   CONTROLLING DIMENSION IS MILLIMETER.
logo
Mini-Circuits
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
   Millimeter Wave Switch Matrix
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com