Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EI-255B Datasheet(PDF) 1 Page - Sumida Corporation

Part # EI-255B
Description  DC/DC CONVERTER TRANSFORMERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EI-255B Datasheet(HTML) 1 Page - Sumida Corporation

  EI-255B Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
General Power Transformer <Pin Type:ER Series>
Type: ER3023
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
Product Description
35.0×25.0mm Max.(L×W), 25.0mm Max. Height.
In addition to the typical versions of parameters shown here,
custom designs are available to meet your exact requirements
Feature
Max. Operating frequency 500kHz. Max. Operating power 20.0W(500kHz)
Ideally used in Switching power supply etc.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
“ S” is winding start
Specification
Sample No.
4386-T247
Inductance
(19-23)(at 1kHz)
7.786mH±17%
.C.R.
(at 20℃) (19-21)
2.67Ω(Ref.)
Hi-pot (50/60Hz)
P24,P5,P-15,P18,N8,
N18-P1A,P1B,P2)
AC 2500Vrms
1 Minute
Hi-pot (50/60Hz)
(Core- Coil)
AC 2000Vrms
1 Minute
Adhesive
17- φ0.6 ±0.1
14
26
3.5±0.5
24-2.54±0.2
1
13
14
26
35.0 MAX.
21
22
23
24
25
26
S
S
S
S
S
P18
P24
S
S
S
S
P5
P-15
N8
N18
P1A
P1B
P2
P5


Similar Part No. - EI-255B

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EI-255B SUMIDA-EI-255B Datasheet
207Kb / 1P
   DC-DC CONVERTER (PIN)
EI-255B SUMIDA-EI-255B Datasheet
126Kb / 1P
   General Power Transformer < Pin Type: EI Series>
EI-255B SUMIDA-EI-255B_06 Datasheet
126Kb / 1P
   General Power Transformer < Pin Type: EI Series>
More results

Similar Description - EI-255B

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
DDEI19-001 PRODUCTWELL-DDEI19-001 Datasheet
79Kb / 1P
   DC/DC CONVERTER TRANSFORMERS
logo
EPCOS
B78310P1623A005 EPCOS-B78310P1623A005 Datasheet
60Kb / 2P
   ISDN Transformers DC/DC Converter
logo
TOKO, Inc
8CA TOKO-8CA Datasheet
126Kb / 1P
   SMT DC-DC Converter Transformers
10CA TOKO-10CA Datasheet
117Kb / 1P
   SMT DC-DC Converter Transformers
5CA TOKO-5CA Datasheet
115Kb / 1P
   SMT DC-DC Converter Transformers
6CA TOKO-6CA Datasheet
113Kb / 1P
   SMT DC-DC Converter Transformers
R10F TOKO-R10F Datasheet
157Kb / 1P
   SMT DC-DC Converter Transformers
logo
Mitsumi Electronics, Co...
CT-SERIES MITSUMI-CT-SERIES Datasheet
132Kb / 2P
   Step Up DC/DC Converter Transformers for Strobe Light
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com