Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4340ET Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4340ET
Description  192kHz 24-Bit Stereo DAC with 2Vrms Output
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4340ET Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4340ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK4340ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK4340ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK4340ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK4340ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK4340ET Datasheet HTML 9Page - Asahi Kasei Microsystems AK4340ET Datasheet HTML 10Page - Asahi Kasei Microsystems AK4340ET Datasheet HTML 11Page - Asahi Kasei Microsystems AK4340ET Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ASAHI KASEI
AKM CONFIDENTIAL
[AK4340]
Rev.0.6
2005/11
- 8 -
Timing Diagram
1/fCLK
tCLKL
VIH
tCLKH
MCLK
VIL
dCLK=tCLKH x fCLK, tCLKL x fCLK
1/fs
VIH
LRCK
VIL
tBCK
tBCKL
VIH
tBCKH
BICK
VIL
Figure 1. Clock Timing
tLRB
LRCK
VIH
BICK
VIL
tSDS
VIH
SDTI
VIL
tSDH
VIH
VIL
tBLR
Figure 2. Serial Interface Timing


Similar Part No. - AK4340ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340ET AKM-AK4340ET Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340ET AKM-AK4340ET Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4340ET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
logo
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com