Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EP169NP-0R9 Datasheet(PDF) 2 Page - Sumida Corporation

Part # EP169NP-0R9
Description  EP169
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EP169NP-0R9 Datasheet(HTML) 2 Page - Sumida Corporation

  EP169NP-0R9 Datasheet HTML 1Page - Sumida Corporation EP169NP-0R9 Datasheet HTML 2Page - Sumida Corporation EP169NP-0R9 Datasheet HTML 3Page - Sumida Corporation EP169NP-0R9 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPECIFICATION
TYPE
EP169
2-2.ELECTRICAL CHARACTERISTICS
STANDARD
NO.
PART NO
STAMP
INDUCTANCE
[WITHIN]
※1
ALLOWABLE
CURRENT
(A) ※2
D.C.R.
(m
) [MAX.]
(at20℃) ※3
SUMIDA
CODE
01
EP169NP-
ØR9
0R9
0.9μH ± 25%
18.0
0.84 (0.7)
-0015
02
EP169NP-1R7
1R7
1.7μH ± 25%
13.0
1.08 (0.9)
-0016
03
EP169NP-2R6
2R6
2.6μH ± 25%
10.5
1.32 (1.1)
-0017
04
EP169NP-3R7
3R7
3.7μH ± 25%
8.5
1.56 (1.3)
-0018
HL
NO.
PART NO
STAMP
INDUCTANCE
[WITHIN]
※1
ALLOWABLE
CURRENT
(A) ※2
D.C.R.
(m
) [MAX.]
(at20℃) ※3
SUMIDA
CODE
05
EP169NP-1R3L
1R3L
1.3μH ± 25%
12.0
0.84 (0.7)
-0019
06
EP169NP-2R3L
2R3L
2.3μH ± 25%
8.5
1.08 (0.9)
-0020
07
EP169NP-3R5L
3R5L
3.5μH ± 25%
7.5
1.32 (1.1)
-0021
08
EP169NP-5R
ØL
5R0L
5.0μH ± 25%
5.5
1.56 (1.3)
-0022
HI
NO.
PART NO
STAMP
INDUCTANCE
[WITHIN]
※1
ALLOWABLE
CURRENT
(A) ※2
D.C.R.
(m
) [MAX.]
(at20℃) ※3
SUMIDA
CODE
09
EP169NP-
ØR6I
0R6I
0.6μH ± 25%
20
0.84 (0.7)
-0024
10
EP169NP-1R1I
1R1I
1.1μH ± 25%
20
1.08 (0.9)
-0025
11
EP169NP-1R8I
1R8I
1.8μH ± 25%
17
1.32 (1.1)
-0026
12
EP169NP-2R5I
2R5I
2.5μH ± 25%
14
1.56 (1.3)
-0027
※1 INDUCTANCE (L) MEASURED AT A FREQUENCY OF 100kHz.
※2 THIS INDICATES THE VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER THAN ITS INITIAL VALUE
AT D.C.SUPERPOSITION OR D.C.CURRENT WHEN AT △t=40℃ WHICHEVER IS LOWER.(Ta=20℃)
※3 D.C.R.(
)ARE TYPICAL VALUE.
3.STORAGE TEMPERATURE RANGE
  : −30℃∼+100℃
OPERATING TEMPERATURE RANGE
: −10℃∼+120℃(INCLUDING COIL'S SELF TEMPERATURE RISE)


Similar Part No. - EP169NP-0R9

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EP169NP-0R9 SUMIDA-EP169NP-0R9 Datasheet
148Kb / 2P
   POWER INDUCTORS < Pin Type: EP Series >
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com