Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GXO-E71BI Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GXO-E71BI
Description  3.3V Complementray LV-PECL Oscillator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GXO-E71BI Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GXO-E71BI Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel:
+44 1460 256 100
Fax:
+44 1460 256 101
E-mail:
sales@golledge.com
Web:
www.golledge.com
100.0000
106.2500
125.0000
155.5200
156.2500
Input (pad 1)
Output 1 (pad 4)
Output 2 (pad 5)
GXO-E71
26 Sep 2002
7.50
(max)
5.00
(max)
1.50
(max)
1.40
2.60
2.00
2.20
2.00
1.80
1.80
TOP VIEW
3
2
1
ACTUAL SIZE
4
SOLDER PAD LAYOUT
2.54
12
3
4
5
6
2
5
6
2.54
PAD
1
2
3
4
5
6
CONNECTION
Enable/Disable
Not connected
Ground
Output 1
Output 2
Supply
Features
« Complementary LV-PECL outputs
« Enable / disable tristate function
« Power saving function
« Fast rise / fall times
Product name + option codes (if any) + frequency
eg:
GXO-E71 106.250MHz ±100ppm -10+70°C
GXO-E71/BI 77.760MHz ±50ppm -40+85°C
Option code X (eg GXO-E71/X) denotes a custom spec.
Ordering Information
Scale 2:1
Option
Codes
GXO-E71
Product
Parameters
Standard.
Optional - Please specify required code(s) when ordering
Specifications
* Frequency stability is inclusive of calibration @ 25°C, operating temperature range, supply
voltage change, load change, ageing, shock and vibration.
Frequencies in MHz
Standard Frequencies
Frequency range: 75.0 ~ 170MHz
Frequency stability*:
±100ppm
±50ppm
B
±25ppm
A
Operating temperature range:
-10 to +70°C
-40 to +85°C
I
Storage temperature range:
-55 to +125°C
Supply voltage (VDD):
+3.3V (±5%)
Supply current:
60mA max
Output: Complementary LV-PECL
Test load:
R
TT (
)50
V
TT (V)
+1.3
Logic levels:
‘0’ level = 1.7V max
‘1’ level = 2.2V min
Start up time:
10ms max
Waveform symmetry:
40:60 max @ 50%V
P-P
Rise / fall time:
1.0ns max (20 ~ 80%V
P-P)
Enable / disable function:
Tristate (control via pad 1)
Output enable / disable time:
10 ms / 100ns max
Stand-by current:
10µA max
Open
‘1’ level ( 0.7V)
‘0’ level ( 0.3V)
Enabled
Enabled
High Impedance
Enabled
Enabled
High Impedance
Enable / Disable Function
3.3V Complementary LV-PECL Oscillator


Similar Part No. - GXO-E71BI

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXO-E71 GOLLEDGE-GXO-E71 Datasheet
598Kb / 5P
   3.3V LV-PECL Oscillator for High Speed Data Transfer with Power Saving
GXO-E71/BI GOLLEDGE-GXO-E71/BI Datasheet
151Kb / 2P
   3.3V Complementary LV-PECL Oscillator
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
   3.3V Complementary LV-PECL Oscillator
More results

Similar Description - GXO-E71BI

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F4600U FOX-F4600U Datasheet
575Kb / 2P
   LV-PECL 3.3V Oscillator
logo
Golledge Electronics Lt...
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
   3.3V Complementary LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_16 Datasheet
197Kb / 2P
   2.5V & 3.3V LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_07 Datasheet
88Kb / 2P
   2.5V & 3.3V LV-PECL Oscillator
logo
Fox Electronics
VCP65AXT FOX-VCP65AXT Datasheet
142Kb / 1P
   3.3V SMD LV-PECL OSCILLATOR
F4600 FOX-F4600 Datasheet
209Kb / 2P
   LV-PECL 7x5mm 3.3V OSCILLATOR
FCPAXT FOX-FCPAXT Datasheet
204Kb / 1P
   3.3V, SMD, LV-PECL Oscillator
VCP35AXT FOX-VCP35AXT Datasheet
143Kb / 1P
   3.3V SMD LV-PECL OSCILLATOR
logo
Golledge Electronics Lt...
GXO-E31 GOLLEDGE-GXO-E31 Datasheet
174Kb / 2P
   2.5V & 3.3V LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
   2.5V AND 3.3V LV-PECL Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com