Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EI-28 Datasheet(PDF) 1 Page - Sumida Corporation

Part # EI-28
Description  DC-DC CONVERTER (PIN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

EI-28 Datasheet(HTML) 1 Page - Sumida Corporation

  EI-28 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DC-DC CONVERTER (PIN)
EI-28
EI-28
OUTLINE / 概要
概要
概要
2in1構造の小型・高効率SEPIC, ZETAコンバータ用トランスです。
2.通常のインダクタでは得にくい大きい昇圧比にて、巻上トランスと
して使用する事が可能です。
白色LEDバックライト駆動用です。
This is small size and high efficient up-down converter
transformer which is 2 in 1 construction. (ex. SEPIC converter)
It is possible to output the high voltage which is hard to obtain
with an ordinary inductor with sufficient accuracy.
It is available for a white LED back light drive.
1.
2.
3.
1.
3.
DIMENSIONS (mm)
外形寸法図
磁気構造図
CONSTRUCTION
Application
用途
1. Switching regulator
1. スイッチングレギュレータ
http://www.sumida.com
Rev1.0 09/2004
North America
Tel:(1) 847 545-6700
Fax:(1) 847 545-6720
E-mail: sales@us.sumida.com
Japan
Tel:(81) 03 3667-3302
Fax:(81) 03 3667-3408
Hong Kong
Tel:(852) 2880-6688
Fax:(852) 2565-9600
E-mail: sales@hk.sumida.com
Taiwan
Tel:(886) 2 2726-2177
Fax:(886) 2 2728-2726
E-mail: sales@tw.sumida.com
Singapore
Tel:(65) 6296-3388
Fax:(65) 6296-3390
E-mail: sales@sg.sumida.com
Europe
Tel:(32) 2673-9565
Fax:(32) 2672-0454
E-mail: sales@eu.sumida.com
E-mail: sales@jp.sumida.com
Specifications
Max. Operating frequency
300kHz
仕様
最大使用周波数
300kHz
Max. Operating Power
22.0W @ 100kHz
51.0W @ 300kHz
最大電力
22.0W @ 100kHz
51.0W @ 300kHz
7.5
23.0MAX.
4-5.0
29.5MAX.


Similar Part No. - EI-28

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
EI-28 SUMIDA-EI-28 Datasheet
126Kb / 1P
   DC/DC CONVERTER TRANSFORMERS
EI-28 SUMIDA-EI-28 Datasheet
125Kb / 1P
   General Power Transformer < Pin Type: EI Series>
EI-28 SUMIDA-EI-28_06 Datasheet
125Kb / 1P
   General Power Transformer < Pin Type: EI Series>
More results

Similar Description - EI-28

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
LC-15 SUMIDA-LC-15 Datasheet
203Kb / 1P
   DC-DC CONVERTER (PIN)
LC-128 SUMIDA-LC-128 Datasheet
204Kb / 1P
   DC-DC CONVERTER (PIN)
EI-191 SUMIDA-EI-191 Datasheet
204Kb / 1P
   DC-DC CONVERTER (PIN)
EI-255B SUMIDA-EI-255B Datasheet
207Kb / 1P
   DC-DC CONVERTER (PIN)
EE-13 SUMIDA-EE-13 Datasheet
205Kb / 1P
   DC-DC CONVERTER (PIN)
EEH2017 SUMIDA-EEH2017 Datasheet
206Kb / 1P
   DC-DC CONVERTER (PIN)
LC-8 SUMIDA-LC-8 Datasheet
201Kb / 1P
   DC-DC CONVERTER (PIN)
EE1011 SUMIDA-EE1011 Datasheet
201Kb / 1P
   DC-DC CONVERTER (PIN)
EI-22 SUMIDA-EI-22 Datasheet
210Kb / 1P
   DC-DC CONVERTER (PIN)
EI-30 SUMIDA-EI-30 Datasheet
106Kb / 1P
   DC-DC CONVERTER (PIN)
LC-10 SUMIDA-LC-10 Datasheet
208Kb / 1P
   DC-DC CONVERTER (PIN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com