Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GVXO753 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GVXO753
Description  3.3V SM VCXO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GVXO753 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GVXO753 Datasheet HTML 1Page - Golledge Electronics Ltd GVXO753 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.3V SM VCXO
GVXO-753
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
10 Mar 2006
Features
« 3.3V supply
« Low cost for volume applications
« Enable / disable tristate function (6-pad)
Product + option codes + frequency
eg: GVXO-753D/SC 16.384MHz ±100ppm pullability, ±25ppm stability
GVXO-753F/VB 35.3280MHz ±120ppm pullability, ±50ppm stability
Option codes must be included to fully specify a model.
Option code X (eg GVXO-753F/X) denotes a custom spec.
Ordering Information
GVXO-753D
GVXO-753F
7.20
(max)
5.20
(max)
5.08
1.40
12
3
4
2.00
2.20
2.00
1.80 3.28 1.80
TOP VIEW
ACTUAL SIZE
2.60
0.60
4
12
3
SOLDER PAD LAYOUTS
1.40
123
4
2.00
2.20
2.00
1.80 3.28 1.80
TOP VIEW
2.60
0.60
5
6
4
5
6
123
2.54 2.54
PAD
1
2
3
4
5
6
Variant D
Control voltage
Ground
Output
Supply
-
-
Variant F
Control voltage
Enable/Disable
Ground
Output
Not connected
Supply
CONNECTION
1.80
(max)
Scale 2:1
Standard.
Optional - Please specify required code(s) when ordering
Option
Codes
DF
Variant
Parameters
Input (pad 2)
Output (pad 4)
Enable / Disable Function
Open
‘1’ level
‘0’ level
Enabled
Enabled
High Impedance
Specifications
GVXO-753D: 4 pads, No Enable / Disable
GVXO-753F: 6 pads, Enable / Disable function
Package:
4 pads, 5.08mm pitch
6 pads, 2.54mm pitch
Frequency range:
1.5440 ~ 47.0MHz
Voltage control:
+1.65V ±1.50V, 10% linearity
Frequency pullability (min):
±50ppm
N
±100ppm
S
±120ppm
V
Other
specify
Frequency stability (max):
±50ppm
B
±25ppm
C
Other
specify
Operating temperature range:
-10 to +70°C
-40 to +85°C
I
Other
specify
Storage temperature range:
-40 to +85°C
Supply voltage (V
DD): +3.3V (±5%)
Supply current:
10mA max (1.0 ~ 20.0MHz)
15mA max (>20.0 ~ 30.0MHz)
20mA max (>30.0 ~ 40.0MHz)
25mA max (>40.0MHz)
Driving ability:
15pF CMOS
Logic levels:‘0’ level = 10%V
DD max
‘1’ level = 90%V
DD min
Waveform symmetry:
45:55 max
Rise / fall time (10%~90%V
DD):
10ns max (2.0 ~ 10.0MHz)
6ns max (>10.0MHz)
Enable / disable function:
Tristate (control via pad 2)


Similar Part No. - GVXO753

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO755 GOLLEDGE-GVXO755 Datasheet
94Kb / 2P
   5V SM VCXO
More results

Similar Description - GVXO753

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GVXO523 GOLLEDGE-GVXO523 Datasheet
92Kb / 2P
   3.3V SM VCXO
GVXO523 GOLLEDGE-GVXO523 Datasheet
92Kb / 2P
   3.3V SM VCXO
GVXO-523 GOLLEDGE-GVXO-523_16 Datasheet
177Kb / 2P
   3.3V SM VCXO
GVXO-753 GOLLEDGE-GVXO-753_16 Datasheet
228Kb / 2P
   3.3V SM VCXO
GVXO-533 GOLLEDGE-GVXO-533 Datasheet
178Kb / 2P
   3.3V SM VCXO - 6 pad
GVXO-523 GOLLEDGE-GVXO-523 Datasheet
596Kb / 5P
   3.3V SM VCXO - 5.0x3.2mm 4-pad package
GVXO755 GOLLEDGE-GVXO755 Datasheet
94Kb / 2P
   5V SM VCXO
GVXO-525 GOLLEDGE-GVXO-525 Datasheet
92Kb / 2P
   5.0 SM VCXO
GVXO-53F GOLLEDGE-GVXO-53F_15 Datasheet
112Kb / 1P
   3.3V VCXO
GVXO-43 GOLLEDGE-GVXO-43_16 Datasheet
131Kb / 1P
   3.3V VCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com